Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM2682EBRIZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADM2682EBRIZ
Description  Evaluation Board User Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2682EBRIZ Datasheet(HTML) 4 Page - Analog Devices

  ADM2682EBRIZ Datasheet HTML 1Page - Analog Devices ADM2682EBRIZ Datasheet HTML 2Page - Analog Devices ADM2682EBRIZ Datasheet HTML 3Page - Analog Devices ADM2682EBRIZ Datasheet HTML 4Page - Analog Devices ADM2682EBRIZ Datasheet HTML 5Page - Analog Devices ADM2682EBRIZ Datasheet HTML 6Page - Analog Devices ADM2682EBRIZ Datasheet HTML 7Page - Analog Devices ADM2682EBRIZ Datasheet HTML 8Page - Analog Devices ADM2682EBRIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UG-317
Evaluation Board User Guide
Rev. 0 | Page 4 of 12
TERMINATION AND PULL-UP/PULL-DOWN
RESISTORS
The evaluation board includes the RT and RT1 footprints for
fitting termination resistors between the A and B receiver inputs
and the Y and Z driver outputs. By default, the board is fitted
with a 120 Ω resistor, RT, between A and B. This resistor should
be removed if the board is connected to a bus that is already
terminated at both ends. For more information about proper
termination, see the AN-960 Application Note, RS-485/RS-422
Circuit Implementation Guide.
Although the ADM2682E/ADM2687E have a built-in receiver
fail-safe for the bus idle condition, there are footprints on the
evaluation board for fitting the R3 and R1 pull-up resistors to
VISO on A and Y, as well as the R4 and R2 pull-down resistors
to GND on B and Z. These resistors can be fitted if the user is
connecting to other parts that require such external biasing resis-
tors on the bus. The exact value required for a 200 mV minimum
differential voltage in the bus idle condition depends on the supply
voltage (for example, 960 Ω for 3.3 V and 1440 Ω for 5 V).
For more information about the bus idle fail-safe, see the AN-960
Application Note, RS-485/RS-422 Circuit Implementation Guide.
DECOUPLING AND RESERVOIR CAPACITORS
The evaluation board uses the following decoupling and
reservoir capacitors:
•
On the logic side of the board, the C1 and C2 capacitors
should be 10 μF and 100 nF ceramic capacitors, respectively,
and the C4 and C6 capacitors should be 10 nF and 100 nF
ceramic capacitors, respectively.
•
On the bus side of the board, the C5 and C7 capacitors
should be 10 nF and 100 nF, respectively, and the C8 and
C9 capacitors should be 100 nF and 10 μF, respectively.
BOARD INTERNAL LAYER THICKNESS
The ADM2682E/ADM2687E evaluation board consists of
six layers with four internal layers. The spacing between the
internal board layers was chosen as specified in Table 2 to
maximize the stitching capacitance on the board.
Table 2. Spacing Between Layers of the Evaluation Board
Layers
Thickness of Space Between Layers (mm)
1 to 2
0.1016
2 to 3
0.2032
3 to 4
0.2032
4 to 5
0.2032
5 to 6
0.1016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com