Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM2682EBRIZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADM2682EBRIZ
Description  Evaluation Board User Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2682EBRIZ Datasheet(HTML) 1 Page - Analog Devices

  ADM2682EBRIZ Datasheet HTML 1Page - Analog Devices ADM2682EBRIZ Datasheet HTML 2Page - Analog Devices ADM2682EBRIZ Datasheet HTML 3Page - Analog Devices ADM2682EBRIZ Datasheet HTML 4Page - Analog Devices ADM2682EBRIZ Datasheet HTML 5Page - Analog Devices ADM2682EBRIZ Datasheet HTML 6Page - Analog Devices ADM2682EBRIZ Datasheet HTML 7Page - Analog Devices ADM2682EBRIZ Datasheet HTML 8Page - Analog Devices ADM2682EBRIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Evaluation Board User Guide
UG-317
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
Evaluation Board for the ADM2682E/ADM2687E 5 kV rms Signal and
Power Isolated RS-485 Transceivers with ±15 kV ESD Protection
FEATURES
5 kV rms power and signal isolated RS-485/RS-422 transceiver
Convenient connections for power and signal through screw
terminal blocks
Configurable as half duplex or full duplex
5 V or 3.3 V operation
Easily configurable through jumper connections
Test points for measuring all signals
Layout optimized for emissions according to the AN-0971
Application Note
EVALUATION KIT CONTENTS
EVAL-ADM2682EEBZ or EVAL-ADM2687EEBZ
GENERAL DESCRIPTION
The ADM2682E/ADM2687E evaluation board can be used for
easy evaluation of the ADM2682E and ADM2687E power and
signal isolated RS-485 transceivers. Screw terminal blocks provide
convenient connections for the power and signal connections.
The evaluation board is easily configured through jumper
connections. The board can be used in half-duplex or full-
duplex configurations and has a 120 Ω termination resistor
fitted on the receiver input. The evaluation board can be used
with either the ADM2682E 16 Mbps part or the ADM2687E
500 kbps part. The driver and receiver are enabled and disabled
by jumper connections. Test points are included on the power
and signal lines on both sides of the isolation barrier.
RADIATED EMISSIONS
The ADM2682E/ADM2687E evaluation board is designed to
reduce emissions generated by the high frequency switching
elements used by the isoPower® technology to transfer power
through its transformer. The layout of the evaluation board
was generated using the guidelines provided in the AN-0971
Application Note, Recommendations for Control of Radiated
Emissions with isoPower Devices.
EVALUATION BOARD
Figure 1.
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. 0 | Page 1 of 12


Similar Part No. - ADM2682EBRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2682EBRIZ AD-ADM2682EBRIZ Datasheet
1Mb / 20P
5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM2682EBRIZ AD-ADM2682EBRIZ Datasheet
484Kb / 24P
5 kV rms Signal and Power Isolated
REV. 0
ADM2682EBRIZ AD-ADM2682EBRIZ Datasheet
502Kb / 24P
5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2682EBRIZ-RL7 AD-ADM2682EBRIZ-RL7 Datasheet
1Mb / 20P
5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM2682EBRIZ-RL7 AD-ADM2682EBRIZ-RL7 Datasheet
484Kb / 24P
5 kV rms Signal and Power Isolated
REV. 0
More results

Similar Description - ADM2682EBRIZ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3146EVAL IRF-IRDC3146EVAL Datasheet
1Mb / 15P
IRU3146 EVALUATION BOARD USER GUIDE
IRDC3138EVAL IRF-IRDC3138EVAL Datasheet
541Kb / 6P
EVALUATION BOARD USER GUIDE
logo
Intersil Corporation
ISL281X7MSOPEVAL1Z INTERSIL-ISL281X7MSOPEVAL1Z Datasheet
254Kb / 4P
Evaluation Board User?셲 Guide
May 25, 2010
ISL282X7SOICEVAL2Z INTERSIL-ISL282X7SOICEVAL2Z Datasheet
252Kb / 4P
Evaluation Board User?셲 Guide
November 6, 2009
logo
Analog Devices
UG-272 AD-UG-272 Datasheet
558Kb / 12P
Evaluation Board User Guide
REV. A
UG-486 AD-UG-486 Datasheet
532Kb / 8P
Evaluation Board User Guide
REV. 0
UG-287 AD-UG-287 Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
UG-128 AD-UG-128 Datasheet
225Kb / 8P
Evaluation Board User Guide
REV. B
logo
International Rectifier
IRDC3046 IRF-IRDC3046 Datasheet
164Kb / 7P
IRU3046 EVALUATION BOARD USER GUIDE
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
Evaluation Board User Guide
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com