Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS9111IPWLE Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS9111IPWLE
Description  CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS9111IPWLE Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS9111IPWLE Datasheet HTML 15Page - Texas Instruments TPS9111IPWLE Datasheet HTML 16Page - Texas Instruments TPS9111IPWLE Datasheet HTML 17Page - Texas Instruments TPS9111IPWLE Datasheet HTML 18Page - Texas Instruments TPS9111IPWLE Datasheet HTML 19Page - Texas Instruments TPS9111IPWLE Datasheet HTML 20Page - Texas Instruments TPS9111IPWLE Datasheet HTML 21Page - Texas Instruments TPS9111IPWLE Datasheet HTML 22Page - Texas Instruments TPS9111IPWLE Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
TPS9111
CELLULAR SUBSCRIBER TERMINAL
POWER SUPPLY
SLVS134A – NOVEMBER 1996 – REVISED APRIL 1998
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
charge-pump design (continued)
The output voltage for the doubler is then:
VO + 2
VCC * 2
Vdiode * IO
Rtotal
and the output voltage for the inverter is:
VO +* (VCC * 2
Vdiode) ) IO
Rtotal
To determine the size of C1 use:
C
+
I
f
DV
where f = 100,000 and
∆V = ripple voltage.
For an output current of 10 mA calculate:
C1
+
0.01 A
100 kHz
0.1 Vripple
+ 1 mF
Because of losses caused by diode switching and ESR, the calculated capacitance should be multiplied by 1.5
to 2. A 2-
µF capacitance should drive a 10-mA voltage doubler or inverter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com