Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS9111IPWLE Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS9111IPWLE
Description  CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS9111IPWLE Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS9111IPWLE Datasheet HTML 3Page - Texas Instruments TPS9111IPWLE Datasheet HTML 4Page - Texas Instruments TPS9111IPWLE Datasheet HTML 5Page - Texas Instruments TPS9111IPWLE Datasheet HTML 6Page - Texas Instruments TPS9111IPWLE Datasheet HTML 7Page - Texas Instruments TPS9111IPWLE Datasheet HTML 8Page - Texas Instruments TPS9111IPWLE Datasheet HTML 9Page - Texas Instruments TPS9111IPWLE Datasheet HTML 10Page - Texas Instruments TPS9111IPWLE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TPS9111
CELLULAR SUBSCRIBER TERMINAL
POWER SUPPLY
SLVS134A – NOVEMBER 1996 – REVISED APRIL 1998
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DISSIPATION RATING TABLE 1 – Free-Air Temperature
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
PW
700 mW
5.6 mW/
°C
448 mW
364 mW
DISSIPATION RATING TABLE 2 – Case Temperature
PACKAGE
TC ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TC = 25°C
TC = 70°C
POWER RATING
TC= 85°C
POWER RATING
PW
4025 mW
32.2 mW/
°C
2576 mW
2093 mW
400
200
0
25
50
75
100
800
600
1000
MAXIMUM CONTINUOUS POWER DISSIPATION
vs
FREE-AIR TEMPERATURE
125
150
TA – Free-Air Temperature – °C
R
θJA = 178°C/W
Figure 2
Figure 3
2000
1000
0
25
50
75
100
4000
3000
5000
MAXIMUM CONTINUOUS POWER DISSIPATION
vs
CASE TEMPERATURE
125
150
TC – Case Temperature – °C
R
θJC = 57°C/W
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†‡
Supply voltage range, VCC, VCP
– 0.3 V to 12 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range at OFF
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range at PL, PA, PB, EN, EN_A, EN_B,
ON, ON_REM, EN_CP
– 0.3 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See dissipation rating tables
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak output current
Internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltages are with respect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com