Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL15 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # KL15
Description  Supports all KL14 and KL15 devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KL15 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button KL15 Datasheet HTML 10Page - Freescale Semiconductor, Inc KL15 Datasheet HTML 11Page - Freescale Semiconductor, Inc KL15 Datasheet HTML 12Page - Freescale Semiconductor, Inc KL15 Datasheet HTML 13Page - Freescale Semiconductor, Inc KL15 Datasheet HTML 14Page - Freescale Semiconductor, Inc KL15 Datasheet HTML 15Page - Freescale Semiconductor, Inc KL15 Datasheet HTML 16Page - Freescale Semiconductor, Inc KL15 Datasheet HTML 17Page - Freescale Semiconductor, Inc KL15 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
4.5.2.4 COP Watchdog Module
• Independent clock source input (independent from CPU/bus clock)
• Choice between two clock sources
• LPO oscillator
• Bus clock
4.5.2.5 System Clocks
• System Oscillator (XOSC) — Loop-control Pierce oscillator; Crystal or ceramic resonator range of 32 kHz to 40 kHz
(low range mode) or 3-32 MHz (high range mode)
• Multipurpose Clock Generator (MCG)
• Frequency-locked loop (FLL) controlled by internal or external reference
• 20MHz~40MHz FLL output
• 40MHz~48MHz FLL output
• Internal reference clocks — Can be used as a clock source for other on-chip peripherals
• On-chip RC oscillator range of 31.25 kHz to 39.0625 kHz with 0.2% trim step and 1% accuracy across
temperature range of 0 °C to 70 °C and 2% accuracy across full temperature range
• Ultra low power 4 MHz IRC
Memories and Memory Interfaces
4.5.3.1 On-Chip Memory
• 48 MHz performance devices
• Up to 64 KB program flash memory for KL14 and up to 128 KB flash memory for KL15
• Up to 8 KB SRAM for KL14 and up to 16 KB SRAM for KL15
• Security circuitry to prevent unauthorized access to RAM and flash contents
Analog
4.5.4.1 Analog-to-Digital Converter (ADC)
• Linear successive approximation algorithm with up to 16-bit resolution
• Output modes:
• Differential 16-bit, 13-bit, 11-bit, and 9-bit modes, in two’s complement 16-bit sign-extended format for KL15
• Single-ended 16-bit (KL15 only), 12-bit, 10-bit, and 8-bit modes, in right-justified unsigned format
• Single or continuous conversion
• Configurable sample time and conversion speed/power
• Conversion complete and hardware average complete flag and interrupt
• Input clock selectable from up to four sources
• Operation in low power modes for lower noise operation
• Asynchronous clock source for lower noise operation with option to output the clock
• Selectable asynchronous hardware conversion trigger with hardware channel select
• Automatic compare with interrupt for various programmable values
• Temperature sensor
• Hardware average function
• Selectable voltage reference
• Self-calibration mode
4.5.3
4.5.4
Memories and Memory Interfaces
KL14/KL15 Product Brief, Rev. 2, 6/2012
14
Preliminary
Freescale Semiconductor, Inc.
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com