Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL15 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # KL15
Description  Supports all KL14 and KL15 devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KL15 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button KL15 Datasheet HTML 12Page - Freescale Semiconductor, Inc KL15 Datasheet HTML 13Page - Freescale Semiconductor, Inc KL15 Datasheet HTML 14Page - Freescale Semiconductor, Inc KL15 Datasheet HTML 15Page - Freescale Semiconductor, Inc KL15 Datasheet HTML 16Page - Freescale Semiconductor, Inc KL15 Datasheet HTML 17Page - Freescale Semiconductor, Inc KL15 Datasheet HTML 18Page - Freescale Semiconductor, Inc KL15 Datasheet HTML 19Page - Freescale Semiconductor, Inc KL15 Datasheet HTML 20Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
• Configurable oversampling ratio to support from 1/4 to 1/32 bit-time noise detection
• Operation in low power modes
4.5.6.4 Serial Peripheral Interface (SPI)
• Master and slave mode
• Full-duplex, three-wire synchronous transfers
• Programmable transmit bit rate
• Double-buffered transmit and receive data registers
• Serial clock phase and polarity options
• Slave select output
• Mode fault error flag with CPU interrupt capability
• Control of SPI operation during wait mode
• Selectable MSB-first or LSB-first shifting
• Support for both transmit and receive by DMA
Human Machine Interface
4.5.7.1 General Purpose Input/Output (GPIO)
• Hysteresis and configurable pull up device on all input pins
• Configurable drive strength on some output pins
• Independent pin value register to read logic level on digital pin
4.5.7.2 Touch Sensor Input (TSI)
• Support up to 16 external electrodes
• Automatic detection of electrode capacitance across all operational power modes
• Internal reference oscillator for high-accuracy measurement
• Configurable software or hardware scan trigger
• Fully support Freescale touch sensing software (TSS) library
• Capability to wake MCU from low power modes
• Compensate for temperature and supply voltage variations
• High sensitivity change with 16-bit resolution register
• Configurable up to 4096 scan times.
• Support DMA data transfer
5 Power modes
The power management controller (PMC) provides multiple power options to allow the user to optimize power consumption
for the level of functionality needed.
Depending on the stop requirements of the user application, a variety of stop modes are available that provide state retention,
partial power down or full power down of certain logic and/or memory. I/O states are held in all modes of operation. The
following table compares the various power modes available.
For each run mode there is a corresponding wait and stop mode. Wait modes are similar to ARM sleep modes. Stop modes
(VLPS, STOP) are similar to ARM sleep deep mode. The very low power run (VLPR) operating mode can drastically reduce
runtime power when the maximum bus frequency is not required to handle the application needs.
4.5.7
Human Machine Interface
KL14/KL15 Product Brief, Rev. 2, 6/2012
Freescale Semiconductor, Inc.
Preliminary
17
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com