Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL216K Datasheet(PDF) 7 Page - SPANSION

Part # S25FL216K
Description  16-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL216K Datasheet(HTML) 7 Page - SPANSION

Back Button S25FL216K Datasheet HTML 3Page - SPANSION S25FL216K Datasheet HTML 4Page - SPANSION S25FL216K Datasheet HTML 5Page - SPANSION S25FL216K Datasheet HTML 6Page - SPANSION S25FL216K Datasheet HTML 7Page - SPANSION S25FL216K Datasheet HTML 8Page - SPANSION S25FL216K Datasheet HTML 9Page - SPANSION S25FL216K Datasheet HTML 10Page - SPANSION S25FL216K Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
August 9, 2012 S25FL216K_00_07
S25FL216K
7
Data
Sheet
(Preliminar y )
1.
Block Diagram
2.
Connection Diagrams
Address
Buffers
and
Latches
X -Decoder
Flash
Memory
Y- Decoder
Control Logic
I/O Buffers
and Data
Latches
Serial Interface
CS #
SCK
SI/IO0
SOW P #
HO LD #
1
2
3
4
CS#
SO
WP#
GND
SI/IO0
SCK
HOLD#
VCC
5
6
7
8
Figure 2.1 8-pin SOIC (150/208 mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com