Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL216K Datasheet(PDF) 8 Page - SPANSION

Part # S25FL216K
Description  16-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL216K Datasheet(HTML) 8 Page - SPANSION

Back Button S25FL216K Datasheet HTML 4Page - SPANSION S25FL216K Datasheet HTML 5Page - SPANSION S25FL216K Datasheet HTML 6Page - SPANSION S25FL216K Datasheet HTML 7Page - SPANSION S25FL216K Datasheet HTML 8Page - SPANSION S25FL216K Datasheet HTML 9Page - SPANSION S25FL216K Datasheet HTML 10Page - SPANSION S25FL216K Datasheet HTML 11Page - SPANSION S25FL216K Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
8
S25FL216K
S25FL216K_00_07 August 9, 2012
D a ta
Sheet
(Prel i m i nar y)
3.
Signal Descriptions
Serial Data Input / Output (SI/IO0)
The SPI Serial Data Input/Output (SI/IO0) pin provides a means for instructions, addresses and data to be
serially written to (shifted into) the device. Data is latched on the rising edge of the Serial Clock (SCK) input
pin. The SI/IO0 pin is also used as an output pin when the Fast Read Dual Output instruction is executed.
Serial Data Output (SO)
The SPI Serial Data Output (SO) pin provides a means for data and status to be serially read from (shifted out
of) the device. Data is shifted out on the falling edge of the Serial Clock (SCK) input pin.
Serial Clock (SCK)
The SPI Serial Clock Input (SCK) pin provides the timing for serial input and output operations. See SPI
Modes on page 11.
Chip Select (CS#)
The SPI Chip Select (CS#) pin enables and disables device operation. When CS# is high the device is
deselected and the Serial Data Output pins are at high impedance.
When deselected, the device’s power consumption will be at standby levels unless an internal erase, program
or status register cycle is in progress. When CS# is brought low the device will be selected, power
consumption will increase to active levels and instructions can be written to and data read from the device.
After power-up, CS# must transition from high to low before a new instruction will be accepted.
HOLD (HOLD#)
The HOLD# pin allows the device to be paused while it is actively selected. When HOLD# is brought low,
while CS# is low, the SO pin will be at high impedance and signals on the SI and SCK pins will be ignored
(don’t care). The HOLD# function can be useful when multiple devices are sharing the same SPI signals.
Write Protect (WP#)
The Write Protect (WP#) pin can be used to prevent the Status Register from being written. Used in
conjunction with the Status Register’s Block Protect (BP0, BP1 and BP2, BP3) bits and Status Register
Protect (SRP) bits, a portion or the entire memory array can be hardware protected.
Note:
1. SI/IO0 output is used for Dual Output Read instruction.
Table 3.1 Pin Descriptions
Symbol
Pin Name
SCK
Serial Clock Input
SI/IO0
Serial Data Input / Output (1)
SO
Serial Data Output
CS#
Chip Enable
WP#
Write Protect
HOLD#
Hold Input
VCC
Supply Voltage (2.7-3.6V)
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com