Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70950DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70950DBVT
Description  150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70950DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS70950DBVT Datasheet HTML 1Page - Texas Instruments TPS70950DBVT Datasheet HTML 2Page - Texas Instruments TPS70950DBVT Datasheet HTML 3Page - Texas Instruments TPS70950DBVT Datasheet HTML 4Page - Texas Instruments TPS70950DBVT Datasheet HTML 5Page - Texas Instruments TPS70950DBVT Datasheet HTML 6Page - Texas Instruments TPS70950DBVT Datasheet HTML 7Page - Texas Instruments TPS70950DBVT Datasheet HTML 8Page - Texas Instruments TPS70950DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TPS709xx
SBVS186 – MARCH 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
AVAILABLE OPTIONS(1)
PRODUCT
VOUT
XX is nominal output voltage (for example 28 = 2.8 V).
E is TBD
TPS709xxyyyz
YYY is package designator
Z is package quantity; R is for reel (3000 pieces), T is for tape (250 pieces)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Specified at TJ = –40°C to +125°C, unless otherwise noted. All voltages are with respect to GND.
VALUE
MIN
MAX
UNIT
VIN
–0.3
+30
V
Voltage
VEN
–0.3
+7
V
VOUT
–0.3
+7
V
Maximum output current
IOUT
Internally limited
Output short-circuit duration
Indefinite
Continuous total power dissipation
PDISS
See the Thermal Information table
Junction, TJ
–55
+150
°C
Temperature
Storage, Tstg
–55
+150
°C
Human body model (HBM)
2
kV
Electrostatic discharge (ESD) rating
Charged device model (CDM)
500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
THERMAL INFORMATION
TPS709xx
THERMAL METRIC(1)
DBV (SOT23)
UNITS
5 PINS
θJA
Junction-to-ambient thermal resistance
212.1
θJCtop
Junction-to-case (top) thermal resistance
78.5
θJB
Junction-to-board thermal resistance
39.5
°C/W
ψJT
Junction-to-top characterization parameter
2.86
ψJB
Junction-to-board characterization parameter
38.7
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com