Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TWR-FRAM Datasheet(PDF) 8 Page - Ramtron International Corporation

Part # TWR-FRAM
Description  F?륱AM Memory Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

TWR-FRAM Datasheet(HTML) 8 Page - Ramtron International Corporation

Back Button TWR-FRAM Datasheet HTML 4Page - Ramtron International Corporation TWR-FRAM Datasheet HTML 5Page - Ramtron International Corporation TWR-FRAM Datasheet HTML 6Page - Ramtron International Corporation TWR-FRAM Datasheet HTML 7Page - Ramtron International Corporation TWR-FRAM Datasheet HTML 8Page - Ramtron International Corporation TWR-FRAM Datasheet HTML 9Page - Ramtron International Corporation TWR-FRAM Datasheet HTML 10Page - Ramtron International Corporation TWR-FRAM Datasheet HTML 11Page - Ramtron International Corporation TWR-FRAM Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
 
TWR‐FRAM Quick Start Guide  
8 
 
4.2 Jumper Table 
Jumper 
Option 
Type 
Setting 
Description 
J1 
DSPI Voltage 
4‐pin
1‐2 
DSPI voltage 1.6V 
  
  
  
2‐3 
DSPI voltage 3.0V 
  
  
  
*3‐4* 
DSPI voltage 1.8V 
J2 
VTWR Voltage 
4‐pin
1‐2 
VTWR voltage 5V 
  
  
  
*3‐4* 
VTWR voltage 3.3V 
J3 
DSPI PWR 
4‐pin
1‐2 
/SHDN DSPI via pin B22 
  
  
  
*3‐4* 
/SHDN DSPI via pin A35 
J4 
SPI MISO 
6‐pin
1‐2 
Connect to pin B11 
  
  
  
*2‐3* 
Connect to pin B44 
  
  
  
4‐5 
Connect to pin B56 
J5 
DSPI D1 
6‐pin
1‐2 
Connect to pin B11 
  
  
  
*2‐3* 
Connect to pin B44 
  
  
  
4‐5 
Connect to pin B56 
J6 
DSPI D0 
6‐pin
1‐2 
Connect to pin B10 
  
  
  
*2‐3* 
Connect to pin B45 
  
  
  
4‐5 
Connect to pin B57 
J7 
SPI MOSI 
6‐pin
1‐2 
Connect to pin B10 
  
  
  
*2‐3* 
Connect to pin B45 
  
  
  
4‐5 
Connect to pin B57 
J8 
SPI SCK 
6‐pin
1‐2 
Connect to pin B7 
  
  
  
*2‐3* 
Connect to pin B48 
  
  
  
4‐5 
Connect to pin B58 
J9 
DSPI CLK 
6‐pin
1‐2 
Connect to pin B7 
  
  
  
*2‐3* 
Connect to pin B48 
  
  
  
4‐5 
Connect to pin B58 
J10 
SPI CS 
6‐pin
1‐2 
Connect to pin B9 
  
  
  
*2‐3* 
Connect to pin B46 
  
  
  
4‐5 
Connect to pin B47 
  
  
  
5‐6 
Connect to pin B55 
J11 
DSPI CS 
6‐pin
1‐2 
Connect to pin B9 
  
  
  
*2‐3* 
Connect to pin B46 
  
  
  
4‐5 
Connect to pin B47 
  
  
  
5‐6 
Connect to pin B55 
J12 
I2C SCL 
6‐pin
1‐2 
Connect to pin A7 
  
  
  
*2‐3* 
Connect to pin B50 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com