Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV26DGP Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYV26DGP
Description  SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYV26DGP Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYV26DGP Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYV26DGP Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
200V-1000V
1.0A
BYV26AGP THRU BYV26EGP
1 of 2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
D
D
D
D
SINTERED GLASS JUNCTION
FAST SWITCHING PLASTIC RECTIFIER
High temperature metallurgically bonded construction
Sintered glass cavity free junction
Capability of meeting environmental standard of
MIL-S-19500
High temperature soldering guaranteed
350
°C /10sec/0.375”lead length at 5 lbs tension
Operate at Ta =55
°C with no thermal run away
Typical Ir<0.1
µA
SYMBOL
BYV26
AGP
BYV26
BGP
BYV26
CGP
BYV26
DGP
BYV26
EGP
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
200
400
600
800
1000
V
Reverse avalanche breakdown voltage
at IR = 0.1 mA
V(BR)R (min)
300
500
700
900
1100
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =55
°C
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
30
A
Maximum Forward Voltage at rated Forward
Current and 50
°C
Vf
2.5
V
Non-repetitive peak reverse avalanche energy
(Note 1)
Ersm
10
mJ
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =150
°C
Ir
5.0
150.0
µA
µA
Maximum Reverse Recovery Time
(Note 2)
Trr
30
75
nS
Typical Junction Capacitance
(Note 3)
Cj
15.0
pF
Typical Thermal Resistance
(Note 4)
Rθja
55.0
°C /W
Storage and Operating Junction Temperature
Tstg, Tj
-65 to +175
°C
Note: 1.R=400mA; Tj=Tjmax prior to surge; inductive load switched off
2.Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
3.Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
4.Thermal Resistance from Junction to Ambient at 3/8”lead length, P.C. Board Mounted


Similar Part No. - BYV26DGP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV26DGP VISHAY-BYV26DGP Datasheet
38Kb / 2P
Glass Passivated Ultrafast Rectifier
07-Mar-02
BYV26DGP VISHAY-BYV26DGP Datasheet
111Kb / 5P
Glass Passivated Ultrafast Rectifier
20-Aug-07
logo
Gulf Semiconductor
BYV26DGP GULFSEMI-BYV26DGP Datasheet
84Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?200V to 1000V CURRENT: 1.0A
logo
Vishay Siliconix
BYV26DGP VISHAY-BYV26DGP Datasheet
82Kb / 5P
Glass Passivated Ultrafast Rectifier
15-Mar-11
BYV26DGP VISHAY-BYV26DGP Datasheet
78Kb / 5P
Glass Passivated Ultrafast Plastic Rectifier
Revision: 06-Oct-2021
More results

Similar Description - BYV26DGP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BY203-20S GULFSEMI-BY203-20S Datasheet
85Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 2000V CURRENT: 0.25A
BY448GP GULFSEMI-BY448GP Datasheet
84Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER
ERB12JGP GULFSEMI-ERB12JGP Datasheet
156Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER
GUFB15M GULFSEMI-GUFB15M Datasheet
102Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
RGP10M-E GULFSEMI-RGP10M-E Datasheet
69Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
RGP40M GULFSEMI-RGP40M Datasheet
100Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 4.0A
RGPB30J GULFSEMI-RGPB30J Datasheet
127Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 3.0A
logo
Shenzhen Taychipst Elec...
BYV26EGP-15 TAYCHIPST-BYV26EGP-15 Datasheet
2Mb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
BYV36AGP GOOD-ARK-BYV36AGP_15 Datasheet
227Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Rectron Semiconductor
BYV26EGP RECTRON-BYV26EGP Datasheet
69Kb / 4P
SINTERED GLASS JUNCTION FAST SWITCHING PlASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com