Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV26DGP Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYV26DGP
Description  SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYV26DGP Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYV26DGP Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYV26DGP Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
BYV26AGP THRU BYV26EGP
2 of 2
E-mail: sales@taychipst.com
Figure 6. Capacitance versus reverse applied
voltage
Figure 7. Non repetitive surge peak current
versus number of cycles
200V-1000V
1.0A
BYV26AGP THRU BYV26EGP
SINTERED GLASS JUNCTION
FAST SWITCHING PLASTIC RECTIFIER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com