Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYRF69313 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CYRF69313
Description  Programmable Radio-on-Chip LPstar
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69313 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CYRF69313 Datasheet HTML 35Page - Cypress Semiconductor CYRF69313 Datasheet HTML 36Page - Cypress Semiconductor CYRF69313 Datasheet HTML 37Page - Cypress Semiconductor CYRF69313 Datasheet HTML 38Page - Cypress Semiconductor CYRF69313 Datasheet HTML 39Page - Cypress Semiconductor CYRF69313 Datasheet HTML 40Page - Cypress Semiconductor CYRF69313 Datasheet HTML 41Page - Cypress Semiconductor CYRF69313 Datasheet HTML 42Page - Cypress Semiconductor CYRF69313 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
CYRF69313
Document Number: 001-66503 Rev. *C
Page 39 of 80
Table 50. P0.3/INT1–P0.4/INT2 Configuration (P03CR–P04CR) [0x08–0x09] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Int Act Low
TTL Thresh
Reserved
Open Drain
Pull-up
Enable
Output
Enable
Read/Write
–
–
R/W
R/W
–R/W
R/W
R/W
Default
0
0
0
0
00
0
0
These registers control the operation of pins P0.3–P0.4, respectively. These pins are shared between the P0.3–P0.4 GPIOs and
the INT0–INT2. These registers exist in all CYRF69313 parts. The INT0–INT2 interrupts are different than all the other GPIO
interrupts. These pins are connected directly to the interrupt controller to provide three edge-sensitive interrupts with
independent interrupt vectors. These interrupts occur on a rising edge when Int act Low is clear and on a falling edge when Int
act Low is set. These pins are enabled as interrupt sources in the interrupt controller registers (Table 76 on page 54 and Table
74 on page 52)
To use these pins as interrupt inputs configure them as inputs by clearing the corresponding Output Enable. If the INT0–INT2 pins
are configured as outputs with interrupts enabled, firmware can generate an interrupt by writing the appropriate value to the P0.3
and P0.4 data bits in the P0 Data Register
Regardless of whether the pins are used as Interrupt or GPIO pins the Int Enable, Int act Low, TTL Threshold, Open Drain, and
Pull-up Enable bits control the behavior of the pin
The P0.3/INT1–P0.4/INT2 pins are individually configured with the P03CR (0x08), and P04CR (0x09), respectively.
Note Changing the state of the Int Act Low bit can cause an unintentional interrupt to be generated. When configuring these
interrupt sources, it is best to follow the following procedure:
1. Disable interrupt source
2. Configure interrupt source
3. Clear any pending interrupts from the source
4. Enable interrupt source
Table 51. P0.7 Configuration (P07CR) [0x0C] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Int Enable
Int Act Low
TTL Thresh
Reserved
Open Drain
Pull-up
Enable
Output
Enable
Read/Write
–
R/W
R/W
R/W
–
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
This register controls the operation of pin P0.7.
Table 52. P1.0/D+ Configuration (P10CR) [0x0D] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Int Enable
Int Act Low
Reserved
5 K pull-up
enable
Output
Enable
Read/Write
R/W
R/W
R/W
–
––
–
R/W
Default
0
0
0
0
00
0
0
This register controls the operation of the P1.0 (D+) pin when the USB interface is not enabled, allowing the pin to be used as a
GPIO pin which is pulled up. See Table 79 on page 56 for information on enabling USB. When USB is enabled, none of the
controls in this register have any effect on the P1.0 pin
Note The P1.0 is an open drain only output. It can actively drive a signal low, but cannot actively drive a signal high
Bit 1
5 K Pull-up Enable
0 = Disable the 5 k
 pull-up resistors
1 = Enable 5 k
 pull-up resistors for both P1.0 and P1.1. Enable the use of the P1.0 (D+) and P1.1 (D–) pins as pulled up GPIOs
Bit 0
This bit enables the output on P1.0/D+. This bit should be cleared in sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com