Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYRF69313 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYRF69313
Description  Programmable Radio-on-Chip LPstar
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69313 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYRF69313 Datasheet HTML 9Page - Cypress Semiconductor CYRF69313 Datasheet HTML 10Page - Cypress Semiconductor CYRF69313 Datasheet HTML 11Page - Cypress Semiconductor CYRF69313 Datasheet HTML 12Page - Cypress Semiconductor CYRF69313 Datasheet HTML 13Page - Cypress Semiconductor CYRF69313 Datasheet HTML 14Page - Cypress Semiconductor CYRF69313 Datasheet HTML 15Page - Cypress Semiconductor CYRF69313 Datasheet HTML 16Page - Cypress Semiconductor CYRF69313 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
CYRF69313
Document Number: 001-66503 Rev. *C
Page 13 of 80
Stack Pointer Register
CPU Program Counter High Register
CPU Program Counter Low Register
Table 7. CPU Stack Pointer Register (CPU_SP)
Bit #
7
6
5
4
3
2
1
0
Field
Stack Pointer [7:0]
Read/Write
–
–––
–––
–
Default
0
000
000
0
Bits 7:0
Stack Pointer [7:0]
8-bit data value holds a pointer to the current top-of-stack
Table 8. CPU Program Counter High Register (CPU_PCH)
Bit #
7
6
5
4
3
2
1
0
Field
Program Counter [15:8]
Read/Write
–––
––
––
–
Default
000
00
00
0
Bits 7:0
Program Counter [15:8]
8-bit data value holds the higher byte of the program counter
Table 9. CPU Program Counter Low Register (CPU_PCL)
Bit #
7
6
5
4
3
2
1
0
Field
Program Counter [7:0]
Read/Write
––
––
––
––
Default
00
00
00
00
Bits 7:0
Program Counter [7:0]
8-bit data value holds the lower byte of the program counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com