Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDA3C05GTH Datasheet(PDF) 11 Page - EPCOS

Part # CDA3C05GTH
Description  High-speed series
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CDA3C05GTH Datasheet(HTML) 11 Page - EPCOS

Back Button CDA3C05GTH Datasheet HTML 7Page - EPCOS CDA3C05GTH Datasheet HTML 8Page - EPCOS CDA3C05GTH Datasheet HTML 9Page - EPCOS CDA3C05GTH Datasheet HTML 10Page - EPCOS CDA3C05GTH Datasheet HTML 11Page - EPCOS CDA3C05GTH Datasheet HTML 12Page - EPCOS CDA3C05GTH Datasheet HTML 13Page - EPCOS CDA3C05GTH Datasheet HTML 14Page - EPCOS CDA3C05GTH Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
1.3
Reel packing
Dimensions in mm
Dimensions
Tolerance
Dimensions
Tolerance
Reel diameter
A
180
+0/ –3
330
±2
Reel width (inside)
W1
8.4
+1.5/ –0
8.4
+1.5/ –0
Reel width (outside)
W2
14.4
max.
14.4
max.
Package: 8-mm tape
Reel material: Plastic
1.4
Packing units
Case size
(inch) / (mm)
∅ 180-mm reel
pieces
∅ 330-mm reel
pieces
Tape
0201 / 0603
15000
-
cardboard
0402 / 1005
10000
50000
cardboard
0603 / 1608
4000
16000
cardboard
1003 / 2508
4000
16000
cardboard
0506 / 1216
3000
12000
blister
0508 / 1220
4000
16000
cardboard
0612 / 1632
3000
12000
blister
1012 / 2532
2000
8000
blister
CeraDiodes
High-speed series
Page 11 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com