Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3225 Datasheet(PDF) 39 Page - Kemet Corporation

Part # 3225
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

3225 Datasheet(HTML) 39 Page - Kemet Corporation

Back Button 3225 Datasheet HTML 35Page - Kemet Corporation 3225 Datasheet HTML 36Page - Kemet Corporation 3225 Datasheet HTML 37Page - Kemet Corporation 3225 Datasheet HTML 38Page - Kemet Corporation 3225 Datasheet HTML 39Page - Kemet Corporation 3225 Datasheet HTML 40Page - Kemet Corporation 3225 Datasheet HTML 41Page - Kemet Corporation 3225 Datasheet HTML 42Page - Kemet Corporation 3225 Datasheet HTML 43Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
39
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
39
Film Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Series
Class
Capacitance Range
Rated Voltage
(VAC)
Benefits
F861
Polypropylene
Metallized Film
X2
0.001µF - 45 µF
310
• Test voltage (factory test) 1900VDC
• Climactic category 40/110/56
• Max. dV/dt 500 V/µS
• Lead spacing .5, 10, 22.5, 2.5, 3.5, 52.5mm
• Approvals: ENEC, UL, cUL
F81
Polypropylene
Metallized Film
X1
0.001µF - 12 µF
330
• Test voltage (factory test) 2500VDC
• Climactic category 40/110/56
• Max. dV/dt 500 V/µS
• Lead spacing 10, 15, 22.5, 2.5, 3.5mm
• Approvals: ENEC, UL, cUL
F82
Polypropylene
Metallized Film
X1
0.001µF - 5.6 µF
480
• Test voltage (factory test) 3000VDC
• Climactic category 40/110/56
• Max. dV/dt 50 V/µS
• Lead spacing 10, 15, 22.5, 2.5, 3.5mm
• Approvals: ENEC, UL, cUL
F83
Polypropylene
Metallized Film
X1
0.01µF - 1.8 µF
60
• Test voltage (factory test) 4250VDC
• Climactic category 40/110/56
• Max. dV/dt 300 V/µS
• Lead spacing 22.5, 2.5, 3.5mm
• Approvals: ENEC, UL, cUL
R46
Polypropylene
Metallized Film
X2
0.01µF - 10.0µF
25 (310 UL)
300 (310 UL)
Test voltage (factory test) 2200VDC & 1500VAC
Climactic category 40/110/56
Max. dV/dt 100 to 500 V/µs
Lead spacing 10, 15, 22.5, 2.5, 3.5mm
Approvals ENEC, UL, cUL, CQC
•
•
•
•
•
R46-125ºC
Polypropylene
Metallized Film
X2
0.01µF - 1.0 µF25 (310 UL)
• Test voltage (factory test) 2200VDC
• Climactic category 40/125/56
• Max. dV/dt 500 V/µS
• Lead spacing 10, 15, 22.5mm
• Approvals: ENEC
PHE840M
Polypropylene
Metallized Film
X2
0.01µF - 10.0µF25 (280 UL)
Test voltage (factory test) 2200VDC
Climactic category 55/105/56/B
Max. dV/dt 100 V/µs
Lead spacing .5, 10, 15, 22.5, 2.5, 3.5mm
Approvals ENEC, UL, cUL
•
•
•
•
•
PHE840E
Polypropylene
Metallized Film
X2
0.01µF - 10.0µF
300
Test voltage (factory test) 2200VDC
Climactic category 55/105/56/B
Max. dV/dt 100 V/µs
Lead spacing 10, 15, 22.5, 2.5, 3.5mm
Approvals ENEC, UL, cUL
•
•
•
•
•
PME21M
Impregnated
Metallized Paper
X2
0.001µF - 0.6µF
25
• Test voltage (factory test) 2150VDC
• Climatic category 40/110/56/B
• Max. dV/dt 400 to 1200 V/µs
• Lead spacing 10.2, 15.2, 20.3, 22.5, 25.4mm
• Approvals: ENEC, UL, CSA
PME21E
Impregnated
Metallized Paper
X1
0.01µF - 0.22µF
300
• Test voltage (factory test) 2150VDC
• Climatic category 40/110/56/B
• Max. dV/dt 400 to 1200 V/µs
• Lead spacing 15.2, 20.3, 22.5, 25.4mm
• Approvals: ENEC, UL
PHE820M
Polyester
Metallized Film
X2
0.01µF - 2.2µF
25
• Test voltage (factory test) 2150VDC
• Climatic category 40/100/56/B
• Max. dV/dt 100 V/µs
• Lead spacing 15, 22.5, 2.5, 3.5mm
• Approvals: ENEC, UL, CSA
PHE820E
Polyester
Metallized Film
X2
0.01µF - 2.2µF
300
• Test voltage (factory test) 2150VDC
• Climatic category 40/100/56/B
• Max. dV/dt 100 V/µs
• Lead spacing 15, 22.5, 2.5, 3.5mm
• Approvals: ENEC, UL, CSA
AC Line EMI Capacitors • Class X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com