Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3225 Datasheet(PDF) 49 Page - Kemet Corporation

Part # 3225
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

3225 Datasheet(HTML) 49 Page - Kemet Corporation

Back Button 3225 Datasheet HTML 45Page - Kemet Corporation 3225 Datasheet HTML 46Page - Kemet Corporation 3225 Datasheet HTML 47Page - Kemet Corporation 3225 Datasheet HTML 48Page - Kemet Corporation 3225 Datasheet HTML 49Page - Kemet Corporation 3225 Datasheet HTML 50Page - Kemet Corporation 3225 Datasheet HTML 51Page - Kemet Corporation 3225 Datasheet HTML 52Page - Kemet Corporation 3225 Datasheet HTML 53Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
49
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
49
Film Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Series
Type
Capacitance Range
Rated Voltage
Benefits
C4E
Rectangular box,
metal or plastic
According to
customer request
According to
customer request
Custom and standard “brick“ DC link capacitors for energy
conversion, AC motor drives and hybrid/electric vehicles
•
C44A
Aluminum case
15µF - 330µF
10µF - 100µF
5µF - 100µF
3µF - 60µF
1.0µF - 22µF
1.0µF - 15µF
400VDC, 250VAC
600VDC, 330VAC
00VDC, 400VAC
850VDC, 450VAC
1200VDC, 500VAC
1500VDC, 630VAC
General purpose applications
Climatic category 40/85/21
Max. dV/dt 10 to 400V/µs
Diameter D = 45 to 85mm, Height H = 80 to 200mm
Terminals: Tinned brass spade lugs or screws
•
•
•
•
•
C44B
Aluminum case
0.10µF - 1.5µF
0.04µF - 0.68µF
0.10µF - 4.0µF
1200VDC, 500VAC
2000VDC, 630VAC
2400VDC, 1000VAC
Snubber applications
Climatic category 40/85/21
Max. dV/dt 500 to 50V/µs
Diameter D = 25 to 65mm, Height H = 60 to 200mm
Terminals: Tinned brass spade lugs or screws
•
•
•
•
•
C44E
Aluminum case
150µF - 400µF
100µF - 200µF
100µF - 120µF
50µF - 60µF
400VDC, 250VAC
600VDC, 380VAC
50VDC, 440VAC
1200VDC, 550VAC
AC filter applications
Climatic category 25/0/21
Max. dV/dt 10 to 30V/µs
Diameter D = 6 to 85mm, Height H = 13 to 20mm
Terminals: Tinned brass spade lugs or screws
•
•
•
•
•
C44H
Aluminum case
15µF - 120µF
15µF - 56µF
30µF - 55µF
400VDC, 250VAC
600VDC, 330VAC
00VDC, 400VAC
UPS filtering applications
Climatic category 40/85/21
Max. dV/dt 15 to 30V/µs
Diameter D = 45 to 5mm, Height H = 61 to 150mm
Terminals: Tinned double spade lug 6.3mm
•
•
•
•
•
C44P-
C20A
Aluminum case
200µF - 600µF
100µF - 600µF
100µF - 300µF
22µF - 150µF
15µF - 150µF
10µF - 100µF
400VDC, 250VAC
500VDC, 330VAC
50VDC, 440VAC
50VDC, 550VAC
900VDC, 640VAC
1100VDC, 80VAC
AC filter applications
Climatic category 25/0/56
Max. dV/dt 15 to 30V/µs
Diameter D = 65 to 116mm, Height H = 115 to 280mm
Terminations: Plastic insulator with screw terminals M10
Safety device
•
•
•
•
•
•
C44U
Aluminum case
120µF - 550µF
5µF - 600µF
50µF - 500µF
50µF - 550µF
00VDC
900VDC
1100VDC
1300VDC
DC link applications
Climatic category 40/85/21
Max. dV/dt 6 to 31V/µs
Diameter D = 6, 85mm, Height H = 55 to 140mm
Terminals: Tinned brass screws
•
•
•
•
•
C93
Aluminum case
50µF - 100µF
10µF - 100µF
400VDC, 320VAC
600VDC, 415VAC
PFC and filter applications
Max. dV/dt 30V/µs
Diameter D = 40 to 5mm, Height H = 8 to 150mm
Terminals: Tinned brass spade lugs or screws
Safety device - IMQ, UL approvals
•
•
•
•
•
C9T
Aluminum case
3x30.8µF - 3x184.8µF
3x26.2µF - 3x15µF
3x19.2µF - 3x115µF
3x2.9µF - 3x66.8µF
415VAC
450VAC
525VAC
690VAC
PFC & AC filter applications - Three phase execution
Max. dV/dt 30V/µs
Diameter D = 60 to 116mm, Height H = 150 to 280mm
Terminals: Tinned brass spade lugs or screws
Safety device - UL approval
•
•
•
•
•
Power Electronics and AC Film Capacitors • Metallized Polypropylene



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com