Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF862 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # BF862
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF862 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button BF862 Datasheet HTML 20Page - NXP Semiconductors BF862 Datasheet HTML 21Page - NXP Semiconductors BF862 Datasheet HTML 22Page - NXP Semiconductors BF862 Datasheet HTML 23Page - NXP Semiconductors BF862 Datasheet HTML 24Page - NXP Semiconductors BF862 Datasheet HTML 25Page - NXP Semiconductors BF862 Datasheet HTML 26Page - NXP Semiconductors BF862 Datasheet HTML 27Page - NXP Semiconductors BF862 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 130 page
background image
25
NXP Semiconductors RF Manual 16th edition
1.4.1 GPS
Application diagram
1.4 Portable devices
Recommended products
Function
Product
Package
Type
SPDT switch
RF diode
PIN diode
Various
BAP64^
BAP1321^
BAP51^
Function
Product
Package
Type
LNA
RF transistor
SiGe:C
transistor
SOT343F
BFU725F /N1
BFU710F
BFU730F
MMIC
SiGe:C
MMIC
SOT891
BGU7003
SOT886
BGU7003W
BGU7004
BGU7005
BGU7007
BGU7008
BGU8007
WL-CSP
BGU8006
^ Also available in ultra-small leadless package SOD882D
Product highlight:
BGU8007 SiGe:C LNA MMIC for GPS, GLONASS,
and Galileo
The BGU8007 is a low-noise amplifier (LNA) for GNSS receiver
applications in a plastic leadless 6-pin extremely-small SOT886
package. It requires only one external matching inductor and one
external decoupling capacitor.
Features
` Covers full GNSS L1 band, from 1559 to 1610 MHz
` Noise figure (NF) = 0.75 dB
` Gain = 19.5 dB
` High 1 dB compression point of -12 dBm
` High out-of-band IP3
i of 4 dBm
` Supply voltage 1.5 to 2.85 V
` Power-down mode current consumption < 1 µA
` Optimized performance at low supply current of 4.8 mA
` Integrated temperature stabilized bias for easy design
` Requires only one input matching inductor and one supply
decoupling capacitor
001aan955
external
active
antenna
BPF
LNA
SPDT
embedded
antenna
BPF
LNA
BPF
GPS
RECEIVER
IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com