Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF862 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # BF862
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF862 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button BF862 Datasheet HTML 36Page - NXP Semiconductors BF862 Datasheet HTML 37Page - NXP Semiconductors BF862 Datasheet HTML 38Page - NXP Semiconductors BF862 Datasheet HTML 39Page - NXP Semiconductors BF862 Datasheet HTML 40Page - NXP Semiconductors BF862 Datasheet HTML 41Page - NXP Semiconductors BF862 Datasheet HTML 42Page - NXP Semiconductors BF862 Datasheet HTML 43Page - NXP Semiconductors BF862 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 130 page
background image
41
NXP Semiconductors RF Manual 16th edition
Function
Product
Package
Type
LNA (low-noise
amplifier) & Mixer
RF transistor
SiGe:C transistor
SOT343F
BFU710F
BFU725F/N1
BFU730F
Function
Product
Package
Type
IF amplifier
MMIC
MMIC
SOT363
BGA2800
BGA2801
BGA2815
BGA2816
BGA2850
BGA2865
BGA2866
General-purpose
wideband
amplifiers
BGM1014
BGM1013
BGM1012
Function
Product
Package
Type
PLL/VCO
LO generator
RF IC
SiGe:C IC
SOT616
TFF1003HN
TFF1007HN
TFF11xxxHN^
Function
Product
Gain range
Package
Type
Single VGA (variable-
gain amplifier)
MMIC
31 dB
SOT617
BGA7210
BGA7204
Function
Product
Gain range
Package
Type
Dual VGA (variable-
gain amplifier)
MMIC
24 dB
SOT617
BGA7350
28 dB
BGA7351
Function
Product
P
L (1 dB) @ 940 MHz
Package
Type
MPA
(medium power
amplifier)
MMIC
24 dBm
SOT89
BGA7024
28 dBm
BGA7027
25 dBm
SOT908
BGA7124
28 dBm
BGA7127
30 dBm
BGA7130
^ 17 different types with LO ranges: 7-15 GHz, see 3.4.4
Product highlight:
BGA28xx-family of IF gain blocks
The BGA28xx IF gain blocks are silicon Monolitic Microwave
Integrated Circuit (MMIC) wideband amplifiers with internal
matching circuitry in a 6-pin SOT363 plastic SMD package.
Features
` No output inductor necessary when used at the output stage
` Internally matched to 50 Ω
` Reverse isolation > 30 dB up to 2 GHz
` Good linearity with low second order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com