Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJ970EP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQJ970EP
Description  Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ970EP Datasheet(HTML) 1 Page - Vishay Siliconix

  SQJ970EP Datasheet HTML 1Page - Vishay Siliconix SQJ970EP Datasheet HTML 2Page - Vishay Siliconix SQJ970EP Datasheet HTML 3Page - Vishay Siliconix SQJ970EP Datasheet HTML 4Page - Vishay Siliconix SQJ970EP Datasheet HTML 5Page - Vishay Siliconix SQJ970EP Datasheet HTML 6Page - Vishay Siliconix SQJ970EP Datasheet HTML 7Page - Vishay Siliconix SQJ970EP Datasheet HTML 8Page - Vishay Siliconix SQJ970EP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SQJ970EP
www.vishay.com
Vishay Siliconix
S11-2419-Rev. C, 19-Dec-11
1
Document Number: 65282
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFET
• AEC-Q101 Qualifiedd
•100 % Rg and UIS Tested
• Compliant to RoHS Directive 2002/95/EC
Notes
a. Package limited.
b. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
c. When mounted on 1" square PCB (FR4 material).
d. Parametric verification ongoing.
e. See solder profile (www.vishay.com/doc?73257). The PowerPAK SO-8L. The end of the lead terminal is exposed copper (not plated) as a
result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to
ensure adequate bottom side solder interconnection..
f. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
PRODUCT SUMMARY
VDS (V)
40
RDS(on) (
Ω) at VGS = 10 V
0.020
RDS(on) (
Ω) at VGS = 4.5 V
0.028
ID (A) per leg
8
Configuration
Dual
4
3
2
1
6.15
mm
5.13
mm
Bottom View
PowerPAK® SO-8L Dual
G2
S2
G1
S1
D
2
D
1
N-Channel MOSFET
D1
G1
S1
N-Channel MOSFET
D2
G2
S2
ORDERING INFORMATION
Package
PowerPAK SO-8L
Lead (Pb)-free and Halogen-free
SQJ970EP-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Currenta
TC = 25 °C
ID
8
A
TC = 125 °C
8
Continuous Source Current (Diode Conduction)a
IS
8
Pulsed Drain Currentb
IDM
32
Single Pulse Avalanche Current
L = 0.1 mH
IAS
28
Single Pulse Avalanche Energy
EAS
39
mJ
Maximum Power Dissipationb
TC = 25 °C
PD
48
W
TC = 125 °C
16
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)e, f
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mountc
RthJA
85
°C/W
Junction-to-Case (Drain)
RthJC
3.1


Similar Part No. - SQJ970EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ974EP VISHAY-SQJ974EP Datasheet
172Kb / 6P
Automotive Dual N-Channel 100 V (D-S) 175 °C MOSFET
04-Jul-16
SQJ974EP VISHAY-SQJ974EP Datasheet
293Kb / 9P
Automotive Dual N-Channel 100 V (D-S) 175 °C MOSFET
07-Mar-2022
SQJ974EP VISHAY-SQJ974EP Datasheet
292Kb / 9P
Automotive Dual N-Channel 100 V (D-S) 175 °C MOSFET
07-Mar-2022
SQJ974EP VISHAY-SQJ974EP_V01 Datasheet
293Kb / 9P
Automotive Dual N-Channel 100 V (D-S) 175 °C MOSFET
07-Mar-2022
SQJ974EP VISHAY-SQJ974EP_V02 Datasheet
292Kb / 9P
Automotive Dual N-Channel 100 V (D-S) 175 °C MOSFET
07-Mar-2022
More results

Similar Description - SQJ970EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJQ904E VISHAY-SQJQ904E Datasheet
214Kb / 7P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
20-Feb-17
SQS940ELNW VISHAY-SQS940ELNW_V01 Datasheet
204Kb / 6P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
11-Apr-2022
SQS944ENW VISHAY-SQS944ENW_V02 Datasheet
597Kb / 11P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
27-May-2019
SQJQ904E VISHAY-SQJQ904E_V02 Datasheet
266Kb / 10P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
20-Feb-17
SQJB04ELP VISHAY-SQJB04ELP_V02 Datasheet
271Kb / 9P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
02-Mar-2020
SQJB46ELP VISHAY-SQJB46ELP_V02 Datasheet
216Kb / 6P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
07-Mar-2022
SQJB46EP VISHAY-SQJB46EP_V02 Datasheet
243Kb / 7P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
08-Feb-2021
SQJB48EP VISHAY-SQJB48EP_V02 Datasheet
270Kb / 10P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
09-Dec-2019
SQJ912AEP VISHAY-SQJ912AEP_V02 Datasheet
232Kb / 10P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
10-Jan-2022
SQ4940AEY VISHAY-SQ4940AEY_V02 Datasheet
217Kb / 9P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
23-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com