Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJ970EP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SQJ970EP
Description  Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ970EP Datasheet(HTML) 4 Page - Vishay Siliconix

  SQJ970EP Datasheet HTML 1Page - Vishay Siliconix SQJ970EP Datasheet HTML 2Page - Vishay Siliconix SQJ970EP Datasheet HTML 3Page - Vishay Siliconix SQJ970EP Datasheet HTML 4Page - Vishay Siliconix SQJ970EP Datasheet HTML 5Page - Vishay Siliconix SQJ970EP Datasheet HTML 6Page - Vishay Siliconix SQJ970EP Datasheet HTML 7Page - Vishay Siliconix SQJ970EP Datasheet HTML 8Page - Vishay Siliconix SQJ970EP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SQJ970EP
www.vishay.com
Vishay Siliconix
S11-2419-Rev. C, 19-Dec-11
4
Document Number: 65282
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
On-Resistance vs. Drain Current
Source Drain Diode Forward Voltage
On-Resistance vs. Junction Temperature
Drain-Source Breakdown vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
0.00
0.02
0.04
0.06
0.08
0.10
0
8
16
24
32
40
VGS =10 V
VGS =4.5 V
ID - Drain Current (A)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.01
0.001
0.1
10
100
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
175
ID = 10.2 A
VGS =10 V
TJ - Junction Temperature (°C)
42
44
46
48
50
52
- 50
- 25
0
25
50
75
100
125
150
175
ID =1mA
TJ - Temperature (°C)
0.00
0.03
0.06
0.09
0.12
0.15
012
345
67
89
10
TJ = 125 °C
TJ = 25 °C
VGS - Gate-to-Source Voltage (V)
- 1.2
- 0.9
- 0.6
- 0.3
0.0
0.3
0.6
- 50
- 25
0
25
50
75
100
125
150
175
ID =5mA
ID = 250 µA
TJ - Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com