Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6100 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC6100
Description  High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6100 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC6100 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6100 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6100 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6100 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6100 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC6100
2010-06-22
3
Base-emitter voltage VBE (V)
Collector-emitter voltage VCE (V)
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
VBE (sat) – IC
10000
0.001
1000
100
10
0.01
0.1
1
10
Common emitter
VCE = 2 V
Single nonrepetitive
pulse
Ta
= 100°C
25
−55
0.001
1
0.1
0.01
0.001
0.01
0.1
1
10
Common emitter
IC/IB = 50
Single nonrepetitive
pulse
25
−55
Ta
= 100°C
0.001
0.01
0.1
1
10
10
0.1
1
25
Common emitter
IC/IB = 50
Single nonrepetitive pulse
100
Ta
= −55°C
0
3
2
1
0
0
3
2.5
2
1.5
1
0.5
0.2
70
50
40
30
20
10
5
IB = 1 mA
0.4
0.6
1
0.8
60
Common emitter
Ta
= 25°C
Single nonrepetitive pulse
0
0.4
0.8
1.2
1.6
Ta
= 100°C
25
−55
Common emitter
VCE = 2 V
Single nonrepetitive
pulse
IC – VCE
IC – VBE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com