Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6125 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC6125
Description  High-Speed Switching Applications Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6125 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC6125 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6125 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6125 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6125 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6125 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC6125
2009-09-24
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC6125
High-Speed Switching Applications
Power Amplifier Applications
• High DC current gain: hFE = 180 to 390 (IC = 0.5 A)
• Low collector-emitter saturation: VCE (sat) = 0.2 V (max)
• High-speed switching: tf = 15 ns (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
6
V
DC
IC
4
Collector current
(Note 1)
Pulse
ICP
7
A
Base current
IB
0.4
A
DC
PC
1
Collector power dissipation
(Note 2)
t = 10 s
PC
2.5
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Ensure that the channel temperature does not exceed 150°C during use of the device.
Note 2: Mounted on an FR4 board (glass-epoxy; 1.6 mm thick; Cu area, 645 mm
2)
Note 3: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit : mm
JEDEC
―
JEITA
SC-62
TOSHIBA
2-5K1A
Weight: 0.05 g (typ.)


Similar Part No. - 2SC6125

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6125 TOSHIBA-2SC6125 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC6125

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1382 TOSHIBA-2SA1382 Datasheet
208Kb / 3P
TRANSISTOR (POWER AMPLIFIER, HIGH SPEED SWITCHING APPLICATIONS
01-Sep-1997
2SD2414 TOSHIBA-2SD2414 Datasheet
122Kb / 5P
High Current Switching Applications Power Amplifier Applications
2SA1483 TOSHIBA-2SA1483_07 Datasheet
165Kb / 4P
High Frequency Amplifier Applications Video Amplifier Applications High Speed SwitcHing Applications
2SA1382 TOSHIBA-2SA1382_09 Datasheet
176Kb / 5P
Power Amplifier Applications High-Speed Switching Applications
2SC3803 TOSHIBA-2SC3803_04 Datasheet
153Kb / 4P
High Frequency Amplifier Applications Video Amplifier Applications High Speed Switching Applications
2SC3803-R TOSHIBA-2SC3803-R Datasheet
167Kb / 4P
High Frequency Amplifier Applications Video Amplifier Applications High Speed Switching Applications
2SC503 TOSHIBA-2SC503 Datasheet
464Kb / 3P
HIGH FREQUENCY AMPLIFIER APPLICATIONS. HIGH SPEED SWITCHING APPLICATIONS.
2SD1363 TOSHIBA-2SD1363 Datasheet
276Kb / 3P
HIGH CURRENT SWITCHING APPLICATIONS.. POWER AMPLIFIER APPLICATIONS.
2SD2636 TOSHIBA-2SD2636 Datasheet
245Kb / 5P
Power Amplifier Applications High-Power Switching Applications
2006-11-21
logo
Sanyo Semicon Device
2SK687 SANYO-2SK687 Datasheet
722Kb / 8P
High Speed Power Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com