Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6125 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC6125
Description  High-Speed Switching Applications Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6125 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC6125 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6125 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6125 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6125 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6125 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC6125
2009-09-24
3
Collector current
IC (A)
1.0
0.01
0.1
Collector current
IC (A)
VCE (sat) – IC
0.001
0.01
0.1
1
10
IC – VBE
Base-emitter voltage
VBE (V)
0
0.4
0.8
1.6
1.2
4
0
2
3
Common emitter
IC/IB = 30
Single pulse test
−55℃
25℃
Ta=100℃
Common emitter
VCE = 2 V
Single pulse test
Ta=100℃
−55℃
25℃
Collector-emitter voltage
VCE (V)
IC – VCE
10
0
0
1
2
4
6
8
2
3
4
12
12
8
6
Common emitter
Ta
= 25°C
Single pulse test
hFE-IC
10
100
1000
0.001
0.01
0.1
1
10
Collector current
IC (A)
0.1
1
10
Collector current
IC (A)
VBE (sat) – IC
0.001
0.01
0.1
1
10
Common emitter
VCE = 2 V
Single pulse test
−55℃
25℃
Ta=100℃
Common emitter
IC/IB = 30
Single pulse test
−55℃
Ta=100℃
25℃
IB=2mA
hFE-IC
10
0.001
1000
0.01
0.1
1
10
100
Common emitter
VCE = 0.8 V
Single pulse test
15
20
10
4
Ta =100 °C
−55
25
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com