Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6126 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC6126
Description  High-Speed Switching Applications DC-DC Converter Applications LCD Backlighting Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6126 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC6126 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6126 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6126 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6126 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6126 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC6126
2009-07-07
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC6126
High-Speed Switching Applications
DC-DC Converter Applications
LCD Backlighting Applications
• High DC current gain: hFE = 250 to 400 (IC= 0.3 A)
• Low collector-emitter saturation: VCE(sat) = 0.18 V (max)
• High-speed switching: tf = 40 ns (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
120
V
VCEX
120
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
6
V
DC
IC
3
Collector current (Note1)
Pulse
ICP
5
A
Base current
IB
1.5
A
DC
1.0
Collector power
dissipation
t = 10 s
PC
(Note2)
2.5
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Please use devices on condition that the junction temperature is below 150℃.
Note 2: Mounted on FR4 board (glass epoxy, 1.6 mm thick, Cu area: 645 mm
2)
Note 3: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit : mm
JEDEC
―
JEITA
SC-62
TOSHIBA
2-5K1A
Weight: 0.05 g (typ.)


Similar Part No. - 2SC6126

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6126 TOSHIBA-2SC6126 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC6126

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA2069 TOSHIBA-2SA2069 Datasheet
196Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications
2SC5755 TOSHIBA-2SC5755 Datasheet
115Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
TPCS8007-H TOSHIBA-TPCS8007-H Datasheet
235Kb / 7P
High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8009-H TOSHIBA-TPCS8009-H Datasheet
235Kb / 7P
High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
2SA2066 TOSHIBA-2SA2066_09 Datasheet
162Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069_06 Datasheet
154Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications
2SA2070 TOSHIBA-2SA2070_10 Datasheet
162Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications
2SC6000 TOSHIBA-2SC6000 Datasheet
181Kb / 5P
High Speed Switching Applications DC-DC Converter Applications
2SC6133 TOSHIBA-2SC6133 Datasheet
146Kb / 4P
High-Speed Switching Applications DC-DC Converter Applications
2SC6135 TOSHIBA-2SC6135 Datasheet
147Kb / 4P
High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com