Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6142 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC6142
Description  High Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6142 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC6142 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6142 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6142 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6142 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6142 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC6142
2010-04-23
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type
2SC6142
○
High Voltage Switching Applications
○
Switching Regulator Applications
○
DC-DC Converter Applications
• Excellent switching times: tf = 0.15 μs (typ.)
• High collector breakdown voltage: VCES = 800 V, VCEO = 375 V
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
800
V
VCES
800
V
Collector-emitter voltage
VCEO
375
V
Emitter-base voltage
VEBO
8
V
DC
IC
1.5
Collector current
Pulse
ICP
3
A
Base current
IB
0.75
A
Collector power dissipation
PC
1.1
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Ensure that the channel temperature does not exceed 150°C during use of the device.
Note 2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
1. BASE
2. COLLECTOR
3. EMITTER
JEDEC
⎯
JEITA
⎯
TOSHIBA
2-7J2A
Weight: 0.32 g (typ.)
0.6±0.15
0.8 MAX.
123
1.1 MAX.
0.6±0.15
0.6 MAX
0.6 MAX.
1.1±0.2
6.5±0.2
2.3
2.3
5.2±0.2
0.9


Similar Part No. - 2SC6142

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6142 TOSHIBA-2SC6142 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC6142

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
High-Voltage Switching Applications
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
High-Voltage Switching Applications
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
High-Voltage Switching Applications
logo
Toshiba Semiconductor
1SS403 TOSHIBA-1SS403_07 Datasheet
179Kb / 4P
High Voltage Switching Applications
2SA1972 TOSHIBA-2SA1972_07 Datasheet
150Kb / 4P
High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SA1419 KEXIN-2SA1419 Datasheet
511Kb / 3P
High-Voltage Switching Applications
2SA1415 KEXIN-2SA1415 Datasheet
412Kb / 3P
High-Voltage Switching Applications
2SA1416 KEXIN-2SA1416 Datasheet
509Kb / 3P
High-Voltage Switching Applications
2SC4135 KEXIN-2SC4135 Datasheet
45Kb / 2P
High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com