Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL9582 Datasheet(PDF) 14 Page - SHANGHAI BELLING CO., LTD.

Part # BL9582
Description  High Brightness LED Driver with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9582 Datasheet(HTML) 14 Page - SHANGHAI BELLING CO., LTD.

Back Button BL9582 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 14Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 15Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 16Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
PPMIC BU
www.belling.com.cn
BL9582 Rev 1.2
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
2/2010
©2010 Belling All Rights Reserved
14
BL9582
32V, 1.4A Step-down
High Brightness LED Driver with Internal Switch
dimming, by reducing the rate of rise of
LED voltage. By adding this capacitor the
current waveform through the LED(s)
changes from a triangular ramp to a more
sinusoidal version without altering the
mean current value.
Operation at low supply voltage
The internal regulator disables the drive to
the switch until the supply has risen above
the startup threshold (VUVLO). Above this
threshold, the device will start to operate.
However, with the supply voltage below the
specified minimum value, the switch duty
cycle will be high and the device power
dissipation will be at a maximum. Care
should be taken to avoid operating the
device under such conditions in the
application, in order to minimize the risk of
exceeding the maximum allowed die
temperature. (See next section on thermal
considerations). The drive to the switch is
turned off when the supply voltage falls
below the under-voltage threshold (VUVLO-
0.2V). This prevents the switch working
with excessive 'on' resistance under
conditions where the duty cycle is high.
Thermal considerations
When operating the device at high ambient
temperatures, or when driving maximum
load current, care must be taken to avoid
exceeding the package power dissipation
limits. The graph below gives details for
power derating. This assumes the device
to be mounted on a 25mm2 PCB with 1oz
copper standing in still air.
Note that the device power dissipation will
most often be a maximum at minimum
supply voltage. It will also increase if the
efficiency of the circuit is low. This may
result from the use of unsuitable coils, or
excessive parasitic output capacitance on
the switch output.
-40
-20
0
20
40
60
80
100
120
140
0
200
400
600
800
1000
1200
1400
1600
Ambient Temperature
Max. Power Dissipation
Thermal compensation of output
current
High luminance LEDs often need to be
supplied with a temperature compensated
current in order to maintain stable and
reliable operation at all drive levels. The
LEDs are usually mounted remotely from
the device, so internal circuits for the
BL9582 have been optimized to minimize
the change in output current when no
compensation is employed. If output
current compensation is required, it is
possible to use an external temperature
sensing network - normally using Negative
Temperature Coefficient (NTC) thermistors
and/or diodes, mounted very close to the
LED(s). The output of the sensing network
can be used to drive the ADJ pin in order
to reduce output current with increasing
temperature.
Thermal shutdown protection
To ensure the reliability, the BL9582 is built
with a thermal shutdown (TSD) protection
function. The TSD protests the IC from
over temperature (160 ). When
℃
the chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com