Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL9582 Datasheet(PDF) 15 Page - SHANGHAI BELLING CO., LTD.

Part # BL9582
Description  High Brightness LED Driver with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL9582 Datasheet(HTML) 15 Page - SHANGHAI BELLING CO., LTD.

Back Button BL9582 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 14Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 15Page - SHANGHAI BELLING CO., LTD. BL9582 Datasheet HTML 16Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
PPMIC BU
www.belling.com.cn
BL9582 Rev 1.2
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
2/2010
©2010 Belling All Rights Reserved
15
BL9582
32V, 1.4A Step-down
High Brightness LED Driver with Internal Switch
temperature decreases (140 ), the IC
℃
recovers again.
Layout considerations
Careful PCB layout is critical to achieve
low switching losses and stable operation.
Use a multilayer board whenever possible
for better noise immunity. Minimize ground
noise by connecting high-current ground
returns, the input bypass-capacitor ground
lead, and the output-filter ground lead to a
single point (star ground configuration).
LX pin
The LX pin of the device is a fast switching
node, so PCB tracks should be kept as
short as possible. To minimize ground
'bounce', the ground pin of the device
should be soldered directly to the ground
plane.
Coil and decoupling capacitors and
current sense resistor
It is particularly important to mount the coil
and the input decoupling capacitor as close
to the device pins as possible to minimize
parasitic resistance and inductance, which
will degrade efficiency. It is also important
to minimize any track resistance in series
with current sense resistor RS. It’s best to
connect VIN directly to one end of RS and
ISENSE directly to the opposite end of RS
with no other currents flowing in these
tracks. It is important that the cathode
current of the Schottky diode does not flow
in a track between RS and VIN as this may
give an apparent higher measure of current
than is actual because of track resistance.
ADJ pin
The ADJ pin is a high impedance input, so
when left floating, PCB traces to this pin
should be as short as possible to reduce
noise pickup. ADJ pin can also be
connected to a voltage between 1.2V~5V.
In this case, the internal circuit will clamp
the output current at the value which is set
by ADJ=1.2V.
High voltage traces
Avoid running any high voltage traces
close to the ADJ pin, to reduce the risk of
leakage due to board contamination. Any
such leakage may raise the ADJ pin
voltage and cause excessive output
current. A ground ring placed around the
ADJ pin will minimize changes in output
current under these conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com