Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL35P02 Datasheet(PDF) 13 Page - SHANGHAI BELLING CO., LTD.

Part # BL35P02
Description  BL35P02 is a single-chip 8-bit micro-controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL35P02 Datasheet(HTML) 13 Page - SHANGHAI BELLING CO., LTD.

Back Button BL35P02 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 14Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 15Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 16Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 17Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TEL:86-21-64850700
WEB: www.belling.com.cn
Page 13 of 27
BL35P02 DATASHEET
BL35P02 DATASHEET
BL35P02 DATASHEET
BL35P02 DATASHEET
上海贝岭股份
上海贝岭股份
上海贝岭股份
上海贝岭股份有限公司
有限公司
有限公司
有限公司
Shanghai Belling Co., Ltd.
0 (clear) – No pull-up resistor is connected to the inputs of PB3.
1 (set) – The internal 25KΩpull-up resistor is connected to the inputs of
PB3
.2 PBP2 – PB2 Pull-up
0 (clear) – No pull-up resistor is connected to the inputs of PB2.
1 (set) – The internal 25KΩpull-up resistor is connected to the inputs of
PB2
.1 OUTC
0 (clear) – IROUT output logic 0
1 (clear) – IROUT output logic 1
.0 FCAE
0 (clear) - IROUT output without carrier
1 (set) – IROUT output with carrier
6.10 OPTION BIT
6.10 OPTION BIT
6.10 OPTION BIT
6.10 OPTION BIT
OPTION BIT (OPBIT) is a special Byte in OTP ROM and used to config some initial functions for the
device. OPBIT is set when OTP is programming.
.7 ENCR
0: OTP read protection
1: OTP can be read
.6-.3
Reserved
.2-.0 FC[2:0]
FC[2:0]
Carrier Divide Ratio
Carrier Frequency @ Oscillator frequency
000
Fsys/6
38KHz@455KHz OSC
001
Fsys/36
56KHz@4MHz OSC
010
Fsys/50
40KHz@4MHz OSC
011
Fsys/53
38KHz@4MHz OSC
100
Fsys/56
36KHz@4MHz OSC
101
Fsys/61
33KHz@4MHz OSC
110
Fsys/64
31.5KHz@4MHz OSC
111
Fsys/74
27KHz@4MHz OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com