Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL35P02 Datasheet(PDF) 21 Page - SHANGHAI BELLING CO., LTD.

Part # BL35P02
Description  BL35P02 is a single-chip 8-bit micro-controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL35P02 Datasheet(HTML) 21 Page - SHANGHAI BELLING CO., LTD.

Back Button BL35P02 Datasheet HTML 17Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 18Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 19Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 20Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 21Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 22Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 23Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 24Page - SHANGHAI BELLING CO., LTD. BL35P02 Datasheet HTML 25Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TEL:86-21-64850700
WEB: www.belling.com.cn
Page 21 of 27
BL35P02 DATASHEET
BL35P02 DATASHEET
BL35P02 DATASHEET
BL35P02 DATASHEET
上海贝岭股份
上海贝岭股份
上海贝岭股份
上海贝岭股份有限公司
有限公司
有限公司
有限公司
Shanghai Belling Co., Ltd.
Address
LDA #opr
LDA opr
LDA opr
LDA opr,X
LDA opr,X
LDA ,X
Load Accumulator with
Memory Byte
A ←(M)
-
-
*
*
-
IMM
DIR
EXT
IX2
IX1
IX
A6
B6
C6
D6
E6
F6
ii
dd
hh
ll
ee
ff
ff
2
3
4
5
4
3
LDX #opr
LDX opr
LDX opr
LDX opr,X
LDX opr,X
LDX ,X
Load Index Register with
Memory Byte
X ←(M)
-
-
*
*
-
IMM
DIR
EXT
IX2
IX1
IX
AE
BE
CE
DE
EE
FE
ii
dd
hh
ll
ee
ff
ff
2
3
4
5
4
3
LSL opr
LSLA
LSLX
LSL opr,X
LSL ,X
Logical Shift Left (Same
as ASL)
C
0
b7
b0
-
-
*
*
*
DIR
INH
INH
IX1
IX
38
48
58
68
78
dd
ff
5
3
3
6
5
LSR opr
LSRA
LSRX
LSR opr,X
LSR ,X
Logical Shift Right
C
0
b7
b0
-
-
0
*
*
DIR
INH
INH
IX1
IX
34
44
54
64
74
dd
ff
5
3
3
6
5
MUL
Unsigned Multiply
X:A
← (X)X(A)
0
-
-
-
0
INH
42
1
1
NEG opr
NEGA
NEGX
NEG opr,X
NEG ,X
Negate
Byte
(Two’s
Complement)
M←-(M)
A ←-(A)
X ←-(X)
M←-(M)
M←-(M)
-
-
*
*
*
DIR
INH
INH
IX1
IX
30
40
50
60
70
dd
ff
5
3
3
6
5
NOP
No Operation
-
-
-
-
-
INH
9D
2
ORA #opr
ORA opr
ORA opr
ORA opr,X
Logical OR Accumulator
with Memory
A ←(A) ∨(M)
-
-
*
*
-
IMM
DIR
EXT
IX2
AA
BA
CA
DA
ii
dd
hh
ll
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com