Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8022 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8022
Description  800mA 1.5MHz 7V Synchronous Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8022 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8022 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8022 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8022 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8022 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8022 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8022 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8022 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.belling.com.cn
1
800mA 1.5MHz 7V Synchronous Buck Converter
BL8022
DESCRIPTION
The BL8022 is a high-efficiency, DC-to-DC step-
down switching regulators, capable of delivering up
to 800mA of output current. The device operates
from an input voltage range of 2.6V to 7.0V and
provides an output voltage from 0.6V to VIN,
making the BL8022 ideal for low voltage power
conversions. Running at a fixed frequency of
1.5MHz
allows
the
use
of
small
external
components, such as ceramic input and output caps,
as well as small inductors, while still providing low
output ripples. This low noise output along with its
excellent efficiency achieved by the internal
synchronous rectifier, making BL8022 an ideal
green replacement for large power consuming
linear regulators. Internal soft-start control circuitry
reduces inrush current. Short-circuit and thermal-
overload protection improves design reliability.
BL8022 is housed in a SOT23-5 Package
FEATURES
 High Efficiency: Up to 96%
 Capable of Delivering 800mA
 1.5MHz Switching Frequency
 No External Schottky Diode Needed
 Low dropout 100% Duty operation
 Internal Compensation and Soft-Start
 Current Mode control
 0.6V Reference for Low Output voltages
 Logic Control Shutdown (IQ<1uA)
 Thermal shutdown and UVLO
 Available in SOT23-5
APPLICATIONS
 Cellular phones
 Digital Cameras
 MP3 and MP4 players
 Set top boxes
 Wireless and DSL Modems
 USB supplied Devices in Notebooks
 Portable Devices
TYPICAL APPLICATION
GND
FB
IN
SW
240K
120K
10uF
LC3406
10uF
VOUT
1.8V/1A
VIN
2.6V to 7V
1.8V/1A Step-Down Converter
2.2uH
EN
PIN OUT & MARKING
GG: Product Code
YW: Date code (Year & Week)
BL8022
1.8V/800mA
1.8V/800mA


Similar Part No. - BL8022

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021 Datasheet
492Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
BL8021 BELLING-BL8021 Datasheet
501Kb / 7P
1.2A 1.5MHz Synchronous Buck Converter
BL8021CB5TR BELLING-BL8021CB5TR Datasheet
492Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
BL8021CB5TR BELLING-BL8021CB5TR Datasheet
501Kb / 7P
1.2A 1.5MHz Synchronous Buck Converter
BL8021 BELLING-BL8021_13 Datasheet
501Kb / 7P
1.2A 1.5MHz Synchronous Buck Converter
More results

Similar Description - BL8022

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
1MHz,800mA Synchronous Buck Converter
logo
Eutech Microelectronics...
EUP3409 EUTECH-EUP3409 Datasheet
765Kb / 10P
Dual 1.5MHz, 800mA Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021 Datasheet
492Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE721C ACE-ACE721C Datasheet
402Kb / 9P
1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.3
ACE721C ACE-ACE721C_14 Datasheet
552Kb / 9P
1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.5
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8026 BELLING-BL8026 Datasheet
793Kb / 6P
1.2A 1.5MHz 7V Synchronous Buck Converter
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
logo
List of Unclassifed Man...
SP6669EB ETC-SP6669EB Datasheet
286Kb / 6P
800mA 1.5MHz Synchronous Step-Down Converter
April 2021
LC3406 ETC-LC3406 Datasheet
545Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com