Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8022 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8022
Description  800mA 1.5MHz 7V Synchronous Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8022 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8022 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8022 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8022 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8022 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8022 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8022 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8022 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.belling.com.cn
2
BL8022
ORDERING INFORMATION
PART No.
PACKAGE
Tape&Reel
BL8022CB5TR
SOT23-5
3000/Reel
ABSOLUTE MAXIMUM RATING
Parameter
Value
Max Input Voltage
7V
Max Operating Junction Temperature(Tj)
125C
Ambient Temperature(Ta)
-40C – 85C
Maximum Power Dissipation
SOT23-5
400mW
Storage Temperature(Ts)
-40C - 150C
Lead Temperature & Time
260C, 10S
ESD (HBM)
>2000V
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect
device reliability.
RECOMMENDED WORK CONDITIONS
Parameter
Value
Input Voltage Range
Max.7V
Operating Junction Temperature(Tj)
-20C –125C
ELECTRICAL CHARACTERISTICS
(VDD=5V, TA=25C)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Input Voltage Range
2.6
7.0
V
Vref
Feedback Voltage
Vin=5V
0.585
0.6
0.615
V
Ifb
Feedback Leakage current
0.1
0.4
uA
Iq
Quiescent Current
Active, Vfb=0.65, No Switching
35
uA
Shutdown
1
uA
LnReg
Line Regulation
Vin=2.7V to 5.5V
0.04
0.2
%/V
LdReg
Load Regulation
Iout=0.01 to 1A
0.1
0.2
%/A
Fsoc
Switching Frequency
1.5
MHz
RdsonP
PMOS Rdson
300
400
mohm
RdsonN
NMOS Rdson
220
300
mohm
Ilimit
Peak Current Limit
0.8
1.5
2
A
Iswlk
SW Leakage Current
Vout=5.5V,
VSW=0
or
5.5V,
EN=0V
10
uA
Ienlk
EN Leakage Current
1
uA
Vh_en
EN Input High Voltage
1.5
V
Vl_en
EN Input Low Voltage
0.4
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com