Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS16 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # CMS16
Description  Switching Mode Power Supply Applications Portable Equipment Battery Applications DC-DC Converter Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS16 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  CMS16 Datasheet HTML 1Page - Toshiba Semiconductor CMS16 Datasheet HTML 2Page - Toshiba Semiconductor CMS16 Datasheet HTML 3Page - Toshiba Semiconductor CMS16 Datasheet HTML 4Page - Toshiba Semiconductor CMS16 Datasheet HTML 5Page - Toshiba Semiconductor CMS16 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CMS16
2010-08-09
5
VR = 5 V
10 V
20 V
30 V
40 V
Junction temperature Tj
(°C)
IR – Tj
(typ.)
0
20
120
80
40
60
100
100
1
0.001
0.01
10
140
Pulse test
0.1
160
Number of cycles
Surge forward current
Ta
= 25°C
f
= 50 Hz
10
1
30
50
40
20
3
10
30
5
50
100
0
Reverse voltage VR (V)
C j – VR
(typ.)
1000
100
50
10
1
10
1
3
30
100
5
50
Ta
= 25°C
f
= 1 MHz
500
DC
120°
180°
240°
300°
Reverse voltage VR (V)
PR (AV) – VR
(typ.)
Rectangular
waveform
360°
0°
Conduction angle
α
Tj = 150°C
VR
α
0
10
40
20
30
0.0
0.2
0.6
1.0
1.4
1.6
0.4
0.8
1.2
α = 60°
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com