Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS16 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CMS16
Description  Switching Mode Power Supply Applications Portable Equipment Battery Applications DC-DC Converter Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS16 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CMS16 Datasheet HTML 1Page - Toshiba Semiconductor CMS16 Datasheet HTML 2Page - Toshiba Semiconductor CMS16 Datasheet HTML 3Page - Toshiba Semiconductor CMS16 Datasheet HTML 4Page - Toshiba Semiconductor CMS16 Datasheet HTML 5Page - Toshiba Semiconductor CMS16 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CMS16
2010-08-09
1
TOSHIBA Schottky Barrier Diode
CMS16
Switching Mode Power Supply Applications
Portable Equipment Battery Applications
DC-DC Converter Applications
• Forward voltage: VFM = 0.55 V (max) (@IFM = 3.0 A)
• Average forward current: IF (AV) = 3.0 A
• Repetitive peak reverse voltage: VRRM = 40 V
• Suitable for compact assembly due to a small surface-mount package:
“M−FLATTM” (Toshiba package name)”
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
40
V
Average forward current
IF (AV)
3.0 (Note 1)
A
Nonrepetitive peak surge current
IFSM
30 (50 Hz)
A
Junction temperature
Tj
−40 to 150
°C
Storage temperature range
Tstg
−40 to 150
°C
Note : Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and
individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Note 1: Tℓ
= 106°C
Device mounted on a ceramic board
Board size: 50 mm
× 50 mm
Soldering size: 2 mm
× 2 mm
Board thickness: 0.64 mm
Rectangular waveform (
α = 180°), VR = 20 V
Unit: mm
①
ANODE
②
CATHODE
0.16
1.75
± 0.1
+ 0.2
− 0.1
2.4
①
②
JEDEC
⎯
JEITA
⎯
TOSHIBA
3-4E1A
Weight: 0.023 g (typ.)


Similar Part No. - CMS16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMS16 VISHAY-CMS16 Datasheet
123Kb / 4P
Wirewound Resistors, Commercial Power, Silicone Coated, Capacitor Mount
24-Mar-15
More results

Similar Description - CMS16

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS07 TOSHIBA-CMS07 Datasheet
129Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CRS08 TOSHIBA-CRS08 Datasheet
174Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CMS09 TOSHIBA-CMS09 Datasheet
134Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CMS02 TOSHIBA-CMS02 Datasheet
118Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CRS05 TOSHIBA-CRS05 Datasheet
175Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
TPCF8402_0912 TOSHIBA-TPCF8402_0912 Datasheet
319Kb / 11P
Portable Equipment Applications Motor Drive Applications DC-DC Converter Applications
CUS15I30A TOSHIBA-CUS15I30A Datasheet
197Kb / 6P
Switching Mode Power Supply Applications Portable Equipment Battery Applications
CUS05 TOSHIBA-CUS05 Datasheet
180Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Application
CUS06 TOSHIBA-CUS06 Datasheet
174Kb / 5P
Switching Mode Power Supply Applications Portable Equipment Battery Application
CMF02TE12L.Q TOSHIBA-CMF02TE12L.Q Datasheet
159Kb / 4P
Switching Mode Power Supply Applications DC/DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com