Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CUS05 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CUS05
Description  Switching Mode Power Supply Applications Portable Equipment Battery Application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CUS05 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CUS05 Datasheet HTML 1Page - Toshiba Semiconductor CUS05 Datasheet HTML 2Page - Toshiba Semiconductor CUS05 Datasheet HTML 3Page - Toshiba Semiconductor CUS05 Datasheet HTML 4Page - Toshiba Semiconductor CUS05 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CUS05
2009-11-11
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VFM (1)
IFM = 0.1 A
⎯
0.25
⎯
VFM (2)
IFM = 0.7 A
⎯
0.33
0.37
Peak forward voltage
VFM (3)
IFM = 1.0 A
⎯
0.39
⎯
V
IRRM (1)
VRRM = 5 V
⎯
50
⎯
μA
Repetitive peak reverse current
IRRM (2)
VRRM = 20 V
⎯
0.2
1.0
mA
Junction capacitance
Cj
VR = 10 V, f = 1.0 MHz
⎯
40
⎯
pF
Device mounted on a ceramic board
(board size: 50 mm × 50 mm)
(soldering land: 2 mm × 2 mm)
(board thickness: 0.64 mm)
⎯
⎯
75
Thermal resistance
(junction to ambient)
Rth (j-a)
Device mounted on a glass-epoxy board
(board size: 50 mm × 50 mm)
(soldering land: 6 mm × 6 mm)
(board thickness: 1.6 mm)
⎯
⎯
150
°C/W
Thermal resistance (junction to lead)
Rth (j-ℓ)
Junction to lead of cathode side
⎯
⎯
30
°C/W
Marking
Abbreviation Code
Part No.
5
CUS05
Standard Soldering Pad
Handling Precaution
Schottky barrier diodes have reverse current characteristic compared to the other diodes.
There is a possibility SBD may cause thermal runaway when it is used under high temperature or high voltage.
This device is VF-IRRM trade-off type, lower VF higher IRRM; therefore, thermal runaway might occur when
voltage is applied. Please take forward and reverse loss into consideration during design.
The absolute maximum ratings of a semiconductor device are a set of ratings that must not be exceeded, even for a
moment. Do not exceed any of these ratings.
The following are the general derating methods that we recommend for designing a circuit using this device.
VRRM: Use this rating with reference to the above. VRRM has a temperature coefficient of 0.1%/°C. Take
this temperature coefficient into account designing a device at low temperature.
IF(AV): We recommend that the worst case current be no greater than 80% of the absolute maximum rating
of IF(AV) and Tj be below 100°C. When using this device, take the margin into consideration by
using an allowable Tamax-IF(AV) curve.
IFSM:
This rating specifies the non-repetitive peak current. This is only applied for an abnormal operation,
which seldom occurs during the lifespan of the device.
Tj:
Derate this rating when using a device in order to ensure high reliability. We recommend that the
device be used at Tj of below 100°C.
Thermal resistance between junction and ambient fluctuates depending on the device’s mounting condition. When
using a device, please design a circuit board and a soldering land size to match the appropriate thermal resistance
value.
Refer to the Rectifiers databook for further information.
Unit: mm
2.0
1.1
0.5
0.8
0.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com