Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CUS05 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CUS05
Description  Switching Mode Power Supply Applications Portable Equipment Battery Application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CUS05 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CUS05 Datasheet HTML 1Page - Toshiba Semiconductor CUS05 Datasheet HTML 2Page - Toshiba Semiconductor CUS05 Datasheet HTML 3Page - Toshiba Semiconductor CUS05 Datasheet HTML 4Page - Toshiba Semiconductor CUS05 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CUS05
2009-11-11
3
140
0
0
0.2
0.4
0.6
1.0
1.2
60
20
40
80
100
0.8
1.4
1.6
120
180°
120°
DC
α
= 60°
0
0
140
0.2
0.4
0.6
1.0
1.2
60
20
40
80
100
0.8
1.4
1.6
120
DC
180°
120°
α
= 60°
0.5
0
0
0.2
0.4
0.6
1.0
1.2
0.8
1.4
1.6
0.3
0.1
0.2
0.4
180°
120°
DC
α
= 60°
Instantaneous forward voltage vF (V)
iF – vF
Average forward current IF (AV) (A)
PF (AV) – IF (AV)
Average forward current IF (AV) (A)
Ta max – IF (AV)
Average forward current IF (AV) (A)
Tℓmax – IF (AV)
Rectangular
waveform
α
0°
360°
Conduction
angle: α
Device mounted on a ceramic board
(board size: 50 mm × 50 mm)
(soldering land: 2 mm × 2 mm)
Rectangular waveform
Conduction angle: α
VR = 10 V
α
0°
360°
Rectangular
waveform
α
0°
360°
Conduction
angle: α
VR = 10 V
Number of cycles
Surge forward current (non-repetitive)
Average forward current IF (AV) (A)
Ta max – IF (AV)
0.01
0
75°C
25°C
Tj = 125°C
10
1
0.1
0.2
0.4
0.6
0.8
1.0
0
1
Ta
= 25°C
f
= 50 Hz
24
10
100
20
16
12
8
4
0
0
0.2
0.4
0.6
1.0
1.2
80
20
40
100
120
0.8
1.4
1.6
140
180°
120°
DC
α
=60°
60
Device mounted on a glass-epoxy
board
(board size: 50 mm × 50 mm)
(soldering land: 6 mm × 6 mm)
Rectangular
waveform
α
0°
360°
Conduction
angle: α
VR = 10 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com