Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8080 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL8080
Description  HIGH INTEGRATED PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8080 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL8080 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.belling.com.cn
4
BL8080
ELECTRICAL CHARACTERISTICS
(All the data tested under the condition: Ta=25℃, unless it is specially noted)
Parameter
Test Condition
Min
Type
Max
Unit
Reference Section
Reference voltage
Oscillator worked
2.4
2.5
2.6
V
Line regulation
VCC range 4.5V-9V
4
%
Load regulation
2
%
Temperature coefficient
-40℃--120℃
0.2
mV/℃
Feedback Section
Source current
VFB=1V,Vcc=8V
500
600
700
uA
Pull down resistor
23k
Ω
Sink current
VFB =2V, VCC=11V
mA
PFM threshold VPFM
1.5
1.8
2.0
V
Oscillator stop threshold Vstart
0.8
1
1.2
V
Oscillator Section
Frequency
CCT=330pF
42
45
48
KHZ
Voltage stability
4.5V≤VCC≤9V
Amplitude
VCT peak to peak
2.4
V
Temperature stability
-40≤Ta≤125
-10
+10
%
Falling slop time
CCT=330pF
0.8
1
1.3
uS
Source current
37
uA
Sink current
500
uA
PWM Section
Max duty cycle
60
75
%
Min duty cycle
0
%
Current Sense Section
Current sense voltage
0.6
V
Peak current limit IPK
450
520
600
mA
IPK temperature coefficient
-40≤Ta≤125
-10
10
%
Propagation delay time
250
nS
Minimum on time
0.5
1.2
uS
Output Section
OB source current
IOC=0A
(VCC=8V)
IOC=0.5A
25
35
mA
OB sink current
VOB=1V
VOB=2V
50
100
mA
Power Section
Startup current by OB
30
50
uA
Quiescent current
VCC=8V,
VFB=0.6V(note1)
3.5
mA
VCC startup threshold
8.4
8.8
9.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com