Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8080 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8080
Description  HIGH INTEGRATED PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8080 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8080 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.belling.com.cn
3
BL8080
ORDERING INFORMATION
BL8080
1
2
3
Code
Description
1
Temperature & Rohs:
C: -40~85°C, Pb Free Rohs Std.
2
Package Type:
B6: SOT-23-6
3
Packing Type:
TR: Tape & Reel (Standard)
MARKING INFORMATION
Product Classification BL8080CB6TR
Marking
AA
Product code
Y
Year
W
Week
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Supply Power Voltage
VCC
-0.3
15
V
Voltage at CT, FB, OB, OE
-0.3
12
V
Power Dissipation
PD
0.25
W
Operating Junction Temperature
TJ
-40
150
Storage Temperature
Ts
-55
150
Electronic static discharg
ESD
2000
V
Notes:
1.
Stresses beyond those listed under
“absolute maximum ratings” may cause permanent damage to the device.
2.
All voltage values are given with respect to GND pin.
RECOMMENDED OPERATING CONDITIONS
The recommended operating conditions table defines the condition for acture device operation.
Recommended operating conditions are specified to ensure the optimal performance to the datasheet
specifications.
Parameter
Symbol
Min
Max
Unit
Supply Power Voltage
VCC
5.5
9
V
Operating Ambient Temperature
TA
-25
85
AAYW
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com