Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8559 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8559
Description  2A Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8559 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8559 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8559 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8559 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8559 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8559 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8559 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.belling.com.cn
1
2A Linear Regulator
BL8559
GENERAL DESCRIPTION
BL8559 series are a group of positive voltage
output,
high
precise,
and
low
power
consumption voltage regulator. Voltages are
selectable in 100mV steps within a range of
1.2V to 3.6V. It also can be customized on
command.
BL8559 series have excellent load and line
transient response and good temperature
characteristics, which can assure the stability
of chip and power system. And it uses
trimming technique to guarantee output voltage
accuracy within ±2%.
BL8559 series are available in SOT-223
package, which is lead (Pb)- free.
FEATURES
• Low Quiescent Current: 26uA at 5V
• High PSRR: 60dB range to 1KHz
• Low Output Noise: 44uVRMS
• Low Dropout: 430mV at 1.5A load
• Maximum output current: 2.5A
• Highly Accurate: ±2%
• Low ESR Ceramic Capacitor Compatible
APPLICATIONS
• Reference Voltage Source
• Battery Powered Equipment
• PC Peripherals
• Wireless Devices
• Instrumentation
TYPICAL APPLICATION
V
DD
V
OUT
GND
IN
OUT
Cout
Cin
LC1466
NOTE: Input capacitor (Cin=1uF) and Output
capacitor
(Cout=4.7uF)
are
recommended in all application circuit
(Low
ESR
ceramic
capacitor
is
available).
BLOCK DIAGRAM
0
100
200
300
400
500
600
700
800
900
0.0
0.5
1.0
1.5
2.0
2.5
Iload (A)
Dropout Voltage vs Output Current
B
BB
BL8559
L8559
L8559
L8559


Similar Part No. - BL8559

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
400mA Low Dropout Voltage Regulator
BL8550-18CA BELLING-BL8550-18CA Datasheet
983Kb / 6P
400mA Low Dropout Voltage Regulator
BL8550-18CB BELLING-BL8550-18CB Datasheet
983Kb / 6P
400mA Low Dropout Voltage Regulator
BL8550-18CC BELLING-BL8550-18CC Datasheet
983Kb / 6P
400mA Low Dropout Voltage Regulator
BL8550-18PA BELLING-BL8550-18PA Datasheet
983Kb / 6P
400mA Low Dropout Voltage Regulator
More results

Similar Description - BL8559

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8562P CHAMP-CM8562P Datasheet
225Kb / 7P
2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8566 CHAMP-CM8566 Datasheet
238Kb / 8P
2A ADJUSTABLE LINEAR REGULATOR
logo
SHANGHAI BELLING CO., L...
BL8066 BELLING-BL8066 Datasheet
211Kb / 6P
2A Linear Regulator
logo
ACE Technology Co., LTD...
ACE517C ACE-ACE517C Datasheet
923Kb / 9P
2A Low Consumption Linear Regulator
VER 1.2
logo
Advanced Monolithic Sys...
AMS3121 AMS-AMS3121 Datasheet
327Kb / 9P
2A Fast Transient Linear Regulator
AMS3120 AMS-AMS3120 Datasheet
409Kb / 9P
2A Fast Transient Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8072 BELLING-BL8072 Datasheet
1,005Kb / 7P
2A Low Consumption Linear Regulator
logo
Unisonic Technologies
LR3865 UTC-LR3865 Datasheet
195Kb / 6P
2A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6119 HMSEMI-HM6119 Datasheet
1Mb / 7P
2A Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE5172C ACE-ACE5172C Datasheet
199Kb / 3P
2A Low Consumption Linear Regulator
VER 1.4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com