Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8559 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8559
Description  2A Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8559 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8559 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8559 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8559 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8559 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8559 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8559 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.belling.com.cn
2
BL8559
MARKING DESCRIPTION
XX: Output voltage code, e.g. 25=2.5V, 33=3.3V;
Y: The Year of manufacturing, ”9” stands for year
2009, ”0” stands for year 2010;
W: The week of manufacturing. ”A” stands for week
1, ”Z” stands for week 26, ” A ” stands for week 27, ”
Z ” stands for week 52.
ORDERING INFORMATION
BL8559
1
2
3
4
Code
Description
1
Temperature & Rohs:
C: -40~85
°C, Pb Free Rohs Std.
2
Package type:
LA: SOT-223, A Type
LB: SOT-223, B Type
3
Packing type:
TR: Tape&Reel (Standard)
4
Output voltage:
e.g. 25=2.5V; 33=3.3V;
PIN CONFIGURATION
Items
Description
GND
Ground
VOUT
Output terminal
VDD
Input terminal and Supply pin for
internal circuit.
ABSOLUTE MAXIMUM RATING
Parameter
Value
Max Input Voltage
8V
Operating Junction Temperature (TJ)
125
°C
Ambient Temperature (TA)
-40
°C~85°C
Package Thermal Resistance:
SOT-223: 20
°C/W
Storage Temperature (TS)
-40
°C~150°C
Lead Temperature & Time
260
°C, 10 Sec
Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.
RECOMMENDED WORK CONDITIONS
Parameter
Value
Input Voltage Range
Max. 6V
Ambient Temperature
-40
°C~85°C
Product
Classification
BL8559CLATR□□
JB: Product
Code
XX: Output
Voltage
A: A Type Pin
Assignment
LL: Lot. No.
B: Fab Code
YW: Date Code
Product
Classification
BL8559CLBTR□□
JB: Product
Code
XX: Output
Voltage
B: B Type Pin
Assignment
LL: Lot. No.
B: Fab Code
YW: Date Code



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com