Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPZ2012S601A Datasheet(PDF) 9 Page - Texas Instruments

Part # MPZ2012S601A
Description  DRV2603 ERM/LRA Haptic Driver Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPZ2012S601A Datasheet(HTML) 9 Page - Texas Instruments

Back Button MPZ2012S601A Datasheet HTML 5Page - Texas Instruments MPZ2012S601A Datasheet HTML 6Page - Texas Instruments MPZ2012S601A Datasheet HTML 7Page - Texas Instruments MPZ2012S601A Datasheet HTML 8Page - Texas Instruments MPZ2012S601A Datasheet HTML 9Page - Texas Instruments MPZ2012S601A Datasheet HTML 10Page - Texas Instruments MPZ2012S601A Datasheet HTML 11Page - Texas Instruments MPZ2012S601A Datasheet HTML 12Page - Texas Instruments MPZ2012S601A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
JP1
R3
R2
R1
VDD
DRV2603
EN
ERM/LRA
PWM
GND
OUT+
OUT-
MSP430
P3.0
PWM
VDD
P3.1
R8
EN
PWM
www.ti.com
Hardware Configuration
3.4
PWM Input Source
Figure 9. External PWM Input
The DRV2603 input signal can be driven by the on-board MSP430 PWM or an external PWM source. The
input source is selected by shorting or disconnecting JP1.
JP1
PWM Source
Shorted
MSP430
Open
External PWM using PWM testpoint
To set the DRV2603 enable pin high while using an external PWM source:
1. Enter Additional Hardware Modes by holding the "+" button until the actuator buzzes and the mode
LEDs blink.
2. Select Mode 3 (00011'b) using the increment mode button ("+").
3. In Mode 3, press one of the following buttons to enable the DRV2603.
•
B1 - disable the DRV2603
•
B2 - enable with LRA auto-resonance on
•
B3 - enable with LRA auto-resonance off
•
B4 - enable in ERM mode
4. If the DRV2603 is enabled, the "EN" LED will glow.
9
SLOU340A – May 2012 – Revised May 2012
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com