Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCV7108FN Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TCV7108FN
Description  Buck DC-DC Converter IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCV7108FN Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TCV7108FN Datasheet HTML 1Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 2Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 3Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 4Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 5Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 6Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 7Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 8Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TCV7108FN
2011-10-03
4
Electrical Characteristics (Tj  25°C, VIN1  VIN2  2.7 to 5.6 V, unless otherwise specified)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Operating input voltage
VIN (OPR)
2.7
5.6
V
Operating current
IIN
VIN1  VIN2  VEN  VFB  5 V
450
680
A
Output voltage range
VOUT (OPR) VEN  VIN1  VIN2
0.8
V
IIN (STBY) 1
VIN1  VIN2  5 V, VEN  0 V
VFB  0.8 V
10
Standby current
IIN (STBY) 2
VIN1  VIN2  3.3 V, VEN  0 V
VFB  0.8 V
10
A
High-side switch leakage current
ILEAK (H)
VIN1  VIN2  5 V, VEN  0 V
VFB  0.8 V, VLX  0 V
10
A
VIH (EN) 1
VIN1  VIN2  5 V
1.5
VIH (EN) 2
VIN1  VIN2  3.3 V
1.5
VIL (EN) 1
VIN1  VIN2  5 V
0.5
EN threshold voltage
VIL (EN) 2
VIN1  VIN2  3.3 V
0.5
V
IIH (EN) 1
VIN1  VIN2  5 V, VEN  5 V
6
13
EN input current
IIH (EN) 2
VIN1  VIN2  3.3 V, VEN  3.3 V
4
9
A
VFB1
VIN  5 V, VEN  5 V, Tj = 0 to 85℃
0.792
0.8
0.808
VFB input voltage
VFB2
VIN  3.3 V, VEN  3.3 V, Tj = 0 to 85℃
0.792
0.8
0.808
V
VFB input current
IFB
VIN1  VIN2  2.7 to 5.6 V
VFB  VIN2
1
1
A
RDS(ON)(H)1
VIN1 = VIN2 = 5V , VEN = 5 V
ILX = - 1A
0.18
RDS(ON)(H)2
VIN1 = VIN2 = 3.3 V , VEN = 3.3V
ILX = - 1 A

0.21

RDS(ON)(H)3
VIN1 = VIN2 = 5 V , VEN = 5V
ILX = - 0.1 A , Tj=-40 to 85℃

0.25
High-side switch on-state resistance
RDS(ON)(H)4
VIN1 = VIN2 = 3.3 V , VEN = 3.3V
ILX = - 0.1 A , Tj=-40 to 85℃
0.3
RDS (ON) (L) 1
VIN1  VIN2  5 V, VEN  5 V
ILX  1 A
0.12
RDS (ON) (L) 2
VIN1  VIN2  3.3 V, VEN  3.3 V
ILX  1 A
0.14
RDS (ON) (L) 3
VIN1 = VIN2 = 5 V , VEN = 5V
ILX = 0.1 A , Tj=-40 to 85℃
0.18
Low-side switch on-state resistance
RDS (ON) (L) 4
VIN1 = VIN2 = 3.3 V , VEN = 3.3V
ILX = 0.1 A , Tj=-40 to 85℃
0.2
Oscillation frequency
fOSC
VIN1  VIN2  VEN  5 V
1200
1500
1800
kHz
Internal soft-start time
tSS
VIN1  VIN2  5 V, IOUT  0 A, Measured
between 0% and 90% points at VOUT.
0.25
0.45
0.65
ms
External soft-start charge current
ISS
VIN1  VIN2  5 V, VEN  5 V
5
8
13
A
High-side switch duty cycle
Dmax
VIN1  VIN2  2.7 to 5.6 V
100
%
Detection
temperature
TSD
VIN1  VIN2  5 V
150
Thermal
shutdown (TSD)
Hysteresis
TSD
VIN1  VIN2  5 V
15
°C
Detection voltage
VUV
VEN  VIN1  VIN2
2.3
2.45
2.6
Recovery voltage
VUVR
VEN  VIN1  VIN2
2.4
2.55
2.7
Undervoltage
lockout (UVLO)
Hysteresis
VUV
VEN  VIN1  VIN2
0.1
V
ILIM1
VIN1 = VIN2 = 4.3 V, VOUT = 2 V
2.7
3.3
LX current limit
ILIM2
VIN1 = VIN2 = 3.3 V, VOUT = 2 V
2.3
2.9

A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com