Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCV7108FN Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCV7108FN
Description  Buck DC-DC Converter IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCV7108FN Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCV7108FN Datasheet HTML 1Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 2Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 3Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 4Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 5Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 6Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 7Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 8Page - Toshiba Semiconductor TCV7108FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TCV7108FN
2011-10-03
3
Absolute Maximum Ratings (Ta  25°C)
Characteristics
Symbol
Rating
Unit
Input pin voltage for the output section (Note 1)
VIN1
0.3 to 7
V
Input pin voltage for the control section (Note 1)
VIN2
0.3 to 7
V
Feedback pin voltage
(Note 1)
VFB
0.3 to 7
V
Soft-start pin voltage
(Note 1)
VSS
0.3 to 7
V
Enable pin voltage
(Note 1)
VEN
0.3 to 7
V
VEN – VIN2 voltage difference
VEN-VIN2
VEN – VIN2  0.3
V
Switch pin voltage
(Note 2)
VLX
0.3 to 7
V
Switch pin current
ILX
2.9
A
Power dissipation
(Note 3)
PD
0.9
W
Operating junction temperature
Tjopr
40 to125
°C
Junction temperature
(Note 4)
Tj
150
°C
Storage temperature
Tstg
55 to150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc)
Note 1: Using this product continuously may cause a decrease in the reliability significantly even if the operating
conditions are within the absolute maximum ratings. Set each pin voltage less than 5.6V taking into
consideration the derating.
Note 2: The switch pin voltage (VLX) doesn’t include the peak voltage generated by TCV7108FN’s switching.
A negative voltage generated in dead time is permitted among the switch pin current (ILX).
Thermal Resistance Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, junction to ambient
Rth (j-a)
110.2 (Note 3)
°C/W
Note3:
Note 4: The TCV7108FN may into thermal shutdown at the rated maximum junction temperature. Thermal design is
required to ensure that the rated maximum operating junction temperature, Tjopr, will not be exceeded.
FR-4
25.4
 25.4  0.8
(Unit: mm)
Single-sided glass epoxy board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com