Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPW50R280CE Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # IPW50R280CE
Description  500V Superjunction MOSFET for Consumer and Lighting Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW50R280CE Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button IPW50R280CE Datasheet HTML 9Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 10Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 11Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 12Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 13Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 14Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 15Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 16Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
500V CoolMOS
TM CE
13
Application Note AN 2012-04
V1.0 April 2012
Figure 7: Eoss comparison 500V CE vs. standard MOSFET
The Eoss loss is in direct proportion to the output capacitance as a function of drain to source voltage of the
MOSFET. In this case the effect of a reduction of Coss is clearly visible. One further benefit out of this is a
faster VDS transition time in resonant topologies, which means that it is possible to reduce the resonant
inductance and circulating current loss, because it is possible to completely discharge the Coss with lower
currents.
4
Measurement Results
In order to show the impact of the mentioned technology parameters this section will describe some
measurements starting with the efficiency comparison in a CCM PFC, which is one of the most suitable
topologies to verify the new MOSFETs in hard switching.
4.1
Efficiency in CCM PFC
In this measurement the 500V CE is compared to a comparable standard MOSFET in the 280mΩ RDS(on)
range.
Setup parameters:
CCM PFC
Vin=90VAC
Vout=400VDC
Pout=0W to 400W
Frequency=100kHz
RG,ext=5Ω
Ambient temperature 25°C
Heat sink temperature preheated to 60°C
Plug and play scenario between 500V CE and standard MOSFET
0
1
2
3
4
5
6
7
8
9
10
0
100
200
300
400
500
600
VDS [V]
IPP50R500CE vs. Standard MOS
EOSS comparison of 500mOhm devices
IPP50R500CE
standard MOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com