Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPW50R280CE Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPW50R280CE
Description  500V Superjunction MOSFET for Consumer and Lighting Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW50R280CE Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPW50R280CE Datasheet HTML 1Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 2Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 3Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 4Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 5Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 6Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 7Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 8Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
500V CoolMOS
TM CE
2
Application Note AN 2012-04
V1.0 April 2012
Edition 2011-02-02
Published by
Infineon Technologies Austria AG
9500 Villach, Austria
© Infineon Technologies Austria AG 2012
All Rights Reserved.
Attention please!
THE INFORMATION GIVEN IN THIS APPLICATION NOTE IS GIVEN AS A HINT FOR THE IMPLEMEN-
TATION OF THE INFINEON TECHNOLOGIES COMPONENT ONLY AND SHALL NOT BE REGARDED
AS ANY DESCRIPTION OR WARRANTY OF A CERTAIN FUNCTIONALITY, CONDITION OR QUALITY
OF THE INFINEON TECHNOLOGIES COMPONENT. THE RECIPIENT OF THIS APPLICATION NOTE
MUST VERIFY ANY FUNCTION DESCRIBED HEREIN IN THE REAL APPLICATION. INFINEON
TECHNOLOGIES HEREBY DISCLAIMS ANY AND ALL WARRANTIES AND LIABILITIES OF ANY KIND
(INCLUDING WITHOUT LIMITATION WARRANTIES OF NON-INFRINGEMENT OF INTELLECTUAL
PROPERTY RIGHTS OF ANY THIRD PARTY) WITH RESPECT TO ANY AND ALL INFORMATION
GIVEN IN THIS APPLICATION NOTE.
Information
For further information on technology, delivery terms and conditions and prices please contact your
nearest Infineon Technologies Office (www.infineon.com).
Warnings
Due to technical requirements components may contain dangerous substances. For information on the
types in question please contact your nearest Infineon Technologies Office. Infineon Technologies
Components may only be used in life-support devices or systems with the express written approval of
Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of
that life-support device or system, or to affect the safety or effectiveness of that device or system. Life
support devices or systems are intended to be implanted in the human body, or to support and/or maintain
and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or
other persons may be endangered.
AN 2012-04
Revision History: date (12-04-20), V1.0
Previous Version: none
Subjects: 1
st revision
Authors: IFAT PMM APS SE SL
René Mente
Francesco Di Domenico
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all? Your feedback will
help us to continuously improve the quality of this document. Please send your proposal (including a
reference to this document) to: [rene.mente@infineon.com]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com