Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2920AHR Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2N2920AHR
Description  Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2920AHR Datasheet(HTML) 3 Page - STMicroelectronics

  2N2920AHR Datasheet HTML 1Page - STMicroelectronics 2N2920AHR Datasheet HTML 2Page - STMicroelectronics 2N2920AHR Datasheet HTML 3Page - STMicroelectronics 2N2920AHR Datasheet HTML 4Page - STMicroelectronics 2N2920AHR Datasheet HTML 5Page - STMicroelectronics 2N2920AHR Datasheet HTML 6Page - STMicroelectronics 2N2920AHR Datasheet HTML 7Page - STMicroelectronics 2N2920AHR Datasheet HTML 8Page - STMicroelectronics 2N2920AHR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2N2920AHR
Electrical characteristics
Doc ID 15383 Rev 2
3/9
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector-base cut-off
current (IE = 0)
VCB = 45 V
VCB = 45 V
TC = 150 °C
2
10
nA
µA
ICEO
Collector cut-off
current (IB = 0)
VCE = 5 V
2
nA
IEBO
Emitter-base cut-off
current (IC = 0)
VEB = 5 V
2
nA
V(BR)CBO
Collector-base
breakdown voltage
(IE = 0)
IC = 10 µA
60
V
V(BR)CEO
(1)
Collector-emitter
breakdown voltage
(IB = 0)
IC = 10 mA
60
V
V(BR)EBO
Emitter-base
breakdown voltage
(IC = 0)
IE = 10 µA
6
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 1 mA
IB = 0.1 mA
0.35
V
VBE(sat)
(1)
Base-emitter
saturation voltage
IC = 1 mA
IB = 0.1 mA
0.5
1
V
hFE
(1)
DC current gain
IC = 10 µA
VCE = 5 V
IC = 100 µA
VCE = 5 V
IC = 1 mA
VCE = 5 V
IC = 10 µA
VCE = 5 V
Tamb = -55 °C
150
225
300
50
600
hFE2-1 / hFE2-2
DC current transfer
ratio comparison
IC = 100 µA
VCE = 5 V
Tamb = -55 °C to +25 °C
0.91
1.1
hFE2-1 / hFE2-2
DC current transfer
ratio comparison
IC = 100 µA
VCE = 5 V
Tamb = -55 °C to +125 °C
0.85
1.18
Δ⏐V
BE1 -
VBE2
⏐
Base-emitter voltage
differential
VCE = 5 V
IC = 10 µA
VCE = 5 V
IC = 100 µA
VCE = 5 V
IC = 1 mA
2
1.5
2
mV
mV
mV
Δ⏐V
BE1 -
VBE2
⏐
Base-emitter voltage
differential
VCE = 5 V
IC = 100 µA
Tamb = -55 °C to +25 °C
Tamb = +25 °C to +125 °C
0.4
0.5
mV
mV
ILk
Leakage current
between active
devices
V = 50 V to E2, B2, C2
V = 0 V to E1, B1, C1
5µA
fT
Transition frequency
IC = 0.5 mA
VCE = 5 V
60
MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com