Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2920AHR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 2N2920AHR
Description  Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2920AHR Datasheet(HTML) 4 Page - STMicroelectronics

  2N2920AHR Datasheet HTML 1Page - STMicroelectronics 2N2920AHR Datasheet HTML 2Page - STMicroelectronics 2N2920AHR Datasheet HTML 3Page - STMicroelectronics 2N2920AHR Datasheet HTML 4Page - STMicroelectronics 2N2920AHR Datasheet HTML 5Page - STMicroelectronics 2N2920AHR Datasheet HTML 6Page - STMicroelectronics 2N2920AHR Datasheet HTML 7Page - STMicroelectronics 2N2920AHR Datasheet HTML 8Page - STMicroelectronics 2N2920AHR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical characteristics
2N2920AHR
4/9
Doc ID 15383 Rev 2
hob
Output admittance
VCE = 5 V
IC = 1 mA
f = 1 kHz
1µmho
hib
Input impedance
VCB = 5 V
IC = 1 mA
f = 1 kHz
25
32
W
Cobo
Output capacitance
(IE = 0)
VCB = 5 V
100 kHz
≤ f ≤ 1 MHz
6pF
NF
Noise figure
VCE = 5 V
IC = 10 µA
RS = 10 kΩ
f = 1 kHz
Bandwidth
= 200 Hz
3dB
NF
Noise figure
VCE = 5 V
IC = 10 µA
RS = 10 kΩ
10 Hz
≤ f ≤ 15.7 kHz
Bandwidth
= 200 Hz
3dB
1.
Pulsed duration = 300 µs, duty cycle
≤ 1.5%
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com