Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC14 Datasheet(PDF) 9 Page - STMicroelectronics

Part # 54AC14
Description  Rad-hard advanced high-speed 5 V CMOS logic series
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54AC14 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button 54AC14 Datasheet HTML 5Page - STMicroelectronics 54AC14 Datasheet HTML 6Page - STMicroelectronics 54AC14 Datasheet HTML 7Page - STMicroelectronics 54AC14 Datasheet HTML 8Page - STMicroelectronics 54AC14 Datasheet HTML 9Page - STMicroelectronics 54AC14 Datasheet HTML 10Page - STMicroelectronics 54AC14 Datasheet HTML 11Page - STMicroelectronics 54AC14 Datasheet HTML 12Page - STMicroelectronics 54AC14 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
54ACxxxx, 54ACTxxxx
Maximum rating
Doc ID 17352 Rev 3
9/28
3
Maximum rating
3.1
Absolute maximum ratings
3.1.1
54AC series
Note:
All voltage values are referred to VSS pin voltage.
3.1.2
54ACT series
Note:
All voltage values are referred to VSS pin voltage.
Table 2.
Absolute maximum ratings - 54AC series
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.5 to +7.0
V
VI
DC input voltage
-0.5 to +7.0
V
VO
DC output voltage
-0.5 to VCC + 0.5
V
IIK
DC input diode current
± 20
mA
IOK
DC output diode current
± 50
mA
IO
DC output current
± 50
mA
ICC or
IGND
DC VCC or ground current
from 100 to 400
mA
TSTG
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec)
260
°C
Table 3.
Absolute maximum ratings - 54ACT series
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.5 to +6.0
V
VI
DC input voltage
-0.5 to +6.0
V
VO
DC output voltage
-0.5 to VCC + 0.5
V
IIK
DC input diode current
± 20
mA
IOK
DC output diode current
± 50
mA
IO
DC output current
± 50
mA
ICC or
IGND
DC VCC or ground current
from 100 to 400
mA
TSTG
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec)
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com