Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC14 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 54AC14
Description  Rad-hard advanced high-speed 5 V CMOS logic series
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54AC14 Datasheet(HTML) 5 Page - STMicroelectronics

  54AC14 Datasheet HTML 1Page - STMicroelectronics 54AC14 Datasheet HTML 2Page - STMicroelectronics 54AC14 Datasheet HTML 3Page - STMicroelectronics 54AC14 Datasheet HTML 4Page - STMicroelectronics 54AC14 Datasheet HTML 5Page - STMicroelectronics 54AC14 Datasheet HTML 6Page - STMicroelectronics 54AC14 Datasheet HTML 7Page - STMicroelectronics 54AC14 Datasheet HTML 8Page - STMicroelectronics 54AC14 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
1
54AC and 54ACT series overview
Table 1.
Device summary
Part number
Description
Radiation
level
Agency
qualification
EPPL
SMD /
detailed
specification
Package
Other
features
54AC00
Rad-hard quad 2-input NAND gate
300 krad
(Si)
QML-V
Y
5962F87549
Flat-14 - DIL-14
-
54ACT00
Rad-hard quad 2-input NAND gate
Y
5962F87699
Flat-14 - DIL-14
54AC02
Rad-hard quad 2-input NOR gate
Y
5962F87612
Flat-14 - DIL-14
54ACT02
Rad-hard quad 2-input NOR gate
-
5962F89791
Flat-14 - DIL-14
54AC04
Rad-hard hex inverter
Y
5962F87609
Flat-14 - DIL-14
54ACT04
Rad-hard hex inverter
-
5962F89734
Flat-14 - DIL-14
54AC08
Rad-hard quad 2-input AND gate
Y
5962F87615
Flat-14 - DIL-14
54ACT08
Rad-hard quad 2-input AND gate
-
5962F89547
Flat-14 - DIL-14
54AC10
Rad-hard triple 3-input NAND gate
Y
5962F87610
Flat-14 - DIL-14
54ACT10
Rad-hard triple 3-input NAND gate
-
5962F92182
Flat-14 - DIL-14
54AC11
Rad-hard triple 3-input AND gate
Y
5962F87611
Flat-14 - DIL-14
54ACT11
Rad-hard triple 3-input AND gate
-
5962F90772
Flat-14 - DIL-14
54AC14
Rad-hard hex Schmitt inverter
Y
5962F87624
Flat-14 - DIL-14
54ACT14
Rad-hard hex Schmitt inverter
-
5962F96813
Flat-14 - DIL-14
54AC32
Rad-hard quad 2-input OR gate
-
5962F87614
Flat-14 - DIL-14
54ACT32
Rad-hard quad 2-input OR gate
-
5962F89736
Flat-14 - DIL-14
54AC74
Rad-hard dual D-type flip-flop with preset and clear
Y
5962F88520
Flat-14 - DIL-14
54ACT74
Rad-hard dual D-type flip-flop with preset and clear
-
5962F87525
Flat-14 - DIL-14
54AC86
Rad-hard quad exclusive OR
-
5962F89550
Flat-14 - DIL-14
54ACT86
Rad-hard quad exclusive OR
Y
5962F90687
Flat-14 - DIL-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com