Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST802RT1B Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST802RT1B
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST802RT1B Datasheet HTML 11Page - STMicroelectronics ST802RT1B Datasheet HTML 12Page - STMicroelectronics ST802RT1B Datasheet HTML 13Page - STMicroelectronics ST802RT1B Datasheet HTML 14Page - STMicroelectronics ST802RT1B Datasheet HTML 15Page - STMicroelectronics ST802RT1B Datasheet HTML 16Page - STMicroelectronics ST802RT1B Datasheet HTML 17Page - STMicroelectronics ST802RT1B Datasheet HTML 18Page - STMicroelectronics ST802RT1B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
ST802RT1A, ST802RT1B
Pin description
Doc ID 17049 Rev 1
15/58
Pin n°
Name
Type
Description
3, 16,
19, 20,
23
GNDA
Ground Analog ground
Strap pins
The ST802RT1x uses many of the functional pins as strap options. The values of these pins are sampled during
reset hardware or power-up and used to strap the device into specific modes of operation.
The ST802RT1x provides simple strap options to automatically configure some device modes with no device
register configuration necessary. All strap pins have a weak internal pull-up or pull-down. If the default strap value is
needed to be changed, they should not be connected directly to VCC or GND and an external 2.2 kΩ resistor should
be used.
The software reset and the power down through the PD pin cannot be used to change the strap configuration
1
LPBK_EN
S, PD
Loop-back enable
38
8
MII_CFG0
MII_CFG1
S, PD
MII Mode Select: This strapping option pair determines the operating mode of
the MAC Data Interface. Default operation (No pull-ups) enables normal MII
mode of operation. Strapping mii_cfg0 high causes the device to be in RMII
mode of operation, determined by the status of the mii_cfg1 strap. Since the
pins include internal pull-downs, the default values are 0.
See Table 6 for details and configurations
28
27
26
AN_EN
AN_0
AN_1
S, PU
Auto-negotiation enable: When high, this enables auto-negotiation with the
capability set by the an_0 and an_1 pins. When low, this puts the part into
Forced Mode with the capability set by the an_0 and an_1 pins.
an_0 / an_1: These input pins control the forced or advertised operating mode
of the ST802RT1x according to Table 7. The value on these pins is set by
connecting the input pins to GND (0) or VCC (1) through 2.2 k
Ω resistors.
These pins should NEVER be connected directly to GND or VCC.
The value set at this input is latched into the ST802RT1x at Hardware-Reset.
The float/pull-down statuses of these pins are latched into the basic mode
control register and the auto-negotiation advertisement register during
hardware-reset.
The default is 111 since these pins have internal pull-up (see Table 7).
46
45
44
43
42
PHYADDR0
PHYADDR1
PHYADDR2
PHYADDR3
PHYADDR4
S, PU
S, PD
PHY address [4:0]. These pins are used to provide the address which is latched
into the internal receive mode control register RN14 (0x14h) after the reset.
PHYADDR0 pin has weak internal pull-up resistor.
PHYADDR[4:1] pins have weak internal pull-down resistors.
An external 2.2 k
Ω resistor should be used for pull-up/down the pins
Table 4.
Pin functions of the ST802RT1x (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com